| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8468000000 bảng dữ liệu(PDF) 154 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8468000000 bảng dữ liệu(HTML) 154 Page - List of Unclassifed Manufacturers |
|
154 / 164 page ![]() www.Rose-Bopla.com 152 Tolerances Shape dependency over 6 up to 10 Spatial diagonal area Aluminum Degree of exactitude up to 3 over 3 up to 6 Nominal dimensional area Table 2. Tolerances of dimensions for wall thicknesses, ledges and ribs. Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic ±0.15 ±0.25 ±0.20 ±0.35 ±0.25 ±0.45 ±0.30 ±0.55 ±0.20 ±0.30 ±0.25 ±0.40 ±0.30 ±0.50 ±0.40 ±0.65 ±0.20 ±0.30 ±0.30 ±0.45 ±0.35 ±0.55 ±0.45 ±0.70 GTA 13 GTA 13/5 GTA 14 GTA 14/5 up to 180 over 50 up to 500 over 180 over 500 Intrinsic dimensions are those in the same parts of the tool. Non-intrinsic dimensions are those created by the interaction of movable tool components, e.g. wall thickness and base thickness or dimensions affected by additives or extenders. TOLERANCES FOR PRESSURE DIECASTINGS (DIN 1688)* CONTINUED |