| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8468000000 bảng dữ liệu(PDF) 153 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8468000000 bảng dữ liệu(HTML) 153 Page - List of Unclassifed Manufacturers |
|
153 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 151 Tolerances 1) Determining the spatial diagonal: The spatial diagonal R is that between the extreme points of the casting. It is calculated from the nominal dimensions of the prismatic body, which delimits the casting, whatever its shape R = l2 + b2 + h2 (spatial diagonal) ±0.14 ±0.24 ±0.17 ±0.32 ±0.22 ±0.42 ±0.25 ±0.55 Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic Intrinsic Non-Intrinsic GTA 13 GTA 13/5 GTA 14 GTA 14/5 over 180 over 50 up to 500 over 180 over 500 ±0.17 ±0.27 ±0.20 ±0.35 ±0.26 ±0.46 ±0.35 ±0.65 ±0.20 ±0.30 ±0.25 ±0.40 ±0.31 ±0.51 ±0.40 ±0.70 ±0.23 ±0.33 ±0.30 ±0.45 ±0.37 ±0.57 ±0.45 ±0.75 ±0.27 ±0.37 ±0.35 ±0.50 ±0.44 ±0.64 ±0.55 ±0.85 ±0.32 ±0.42 ±0.40 ±0.55 ±0.50 ±0.70 ±0.65 ±0.95 ±0.45 ±0.60 ±0.60 ±0.80 ±0.75 ±1.00 ±0.50 ±0.65 ±0.65 ±0.85 ±0.80 ±1.10 ±0.55 ±0.70 ±0.70 ±0.90 ±0.85 ±1.10 ±0.60 ±0.75 ±0.80 ±1.00 ±0.95 ±1.20 ±0.90 ±1.10 ±1.10 ±1.40 ±1.00 ±1.20 ±1.20 ±1.50 ±1.20 ±1.40 ±1.40 ±1.70 ±1.30 ±1.50 ±1.60 ±1.90 over 30 up to 50 over 120 up to 180 over 180 up to 250 over 1000 up to 1250 over 400 up to 500 over 250 up to 315 over 50 up to 80 over 18 up to 30 over 500 up to 630 over 315 up to 400 Shape dependency Aluminum TOLERANCES FOR PRESSURE DIECASTINGS (DIN 1688)* Table 1. Tolerances of dimensions for lengths, widths, heights, central distances, diameters and roundings. Intrinsic dimensions are those in the same parts of the tool. Non-intrinsic dimensions are those created by the interaction of movable tool components, e.g. wall thickness and base thickness or dimensions affected by additives or extenders. Nominal Dimension Area up to 18 over 80 up to 120 over 630 up to 800 over 800 up to 1000 Spatial diagonal area Degree of exactitude *Important: We assume no liability for quoted standards. |