| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM3725CBC bảng dữ liệu(PDF) 97 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC bảng dữ liệu(HTML) 97 Page - Texas Instruments |
|
97 / 280 page ![]() DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 2.5.2 Video Interfaces Table 2-7. Video Interfaces – CAM Signals Description SIGNAL NAME DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] cam_hs Camera Horizontal Synchronization IO A24 C23 A22 cam_vs Camera Vertical Synchronization IO A23 D23 E18 cam_xclka Camera Clock Output a O C25 C25 B22 cam_xclkb Camera Clock Output b O B26 E25 C22 cam_d0 Camera digital image data bit 0 I AG17 AE16 AB18 cam_d1 Camera digital image data bit 1 I AH17 AE15 AC18 cam_d2 Camera digital image data bit 2 I B24 A24 G19 cam_d3 Camera digital image data bit 3 I C24 B24 F19 cam_d4 Camera digital image data bit 4 I D24 D24 G20 cam_d5 Camera digital image data bit 5 I A25 C24 B21 cam_d6 Camera digital image data bit 6 I K28 P25 L24 cam_d7 Camera digital image data bit 7 I L28 P26 K24 cam_d8 Camera digital image data bit 8 I K27 N25 J23 cam_d9 Camera digital image data bit 9 I L27 N26 K23 cam_d10 Camera digital image data bit 10 I B25 D25 F21 cam_d11 Camera digital image data bit 11 I C26 E26 G21 cam_fld Camera field identification IO C23 B23 H24 cam_pclk Camera pixel clock I C27 C26 J19 cam_wen Camera Write Enable I B23 A23 F18 cam_strobe Flash strobe control signal O D25 D26 J20 cam_global_reset Global reset is used strobe IO C23 / AH3 / AA21 B23/M3/V17 H24/ AA2/ AB20 synchronization cam_shutter Mechanical shutter control signal O B23 / AF3 / T21 A23 / T19/ L3 F18/ Y2/ AA18 NOTE For more information, see Display Subsystem / Display Subsystem Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-8. Video Interfaces – DSS Signals Description SIGNAL NAME DESCRIPTION [2] TYPE [3] BALL BOTTOM BALL BOTTOM BALL BOTTOM [1] (CBP Pkg.) [4] (CBC Pkg.) [4] (CUS Pkg.) [4] dss_pclk LCD Pixel Clock O D28 G25 G22 dss_hsync LCD Horizontal Synchronization O D26 K24 E22 dss_vsync LCD Vertical Synchronization O D27 M25 F22 dss_acbias AC bias control (STN) or pixel data enable (TFT) output O E27 F26 J21 dss_data0 LCD Pixel Data bit 0 O AG22 / H26 AE21 / M24 AC19 / G24 dss_data1 LCD Pixel Data bit 1 O AH22 / H25 AE22 / M26 AB19 / H23 dss_data2 LCD Pixel Data bit 2 O AG23 / E28 AE23 / F25 AD20 / D23 dss_data3 LCD Pixel Data bit 3 O AH23 / J26 AE24 / N24 AC20 / K22 dss_data4 LCD Pixel Data bit 4 O AG24 / AC27 AD23 / AC25 AD21 / V21 dss_data5 LCD Pixel Data bit 5 O AH24 / AC28 AD24 / AB25 AC21 / W21 dss_data6 LCD Pixel Data bit 6 O E26 G26 D24 dss_data7 LCD Pixel Data bit 7 O F28 H25 E23 dss_data8 LCD Pixel Data bit 8 O F27 H26 E24 dss_data9 LCD Pixel Data bit 9 O G26 J26 F23 dss_data10 LCD Pixel Data bit 10 O AD28 AC26 AC22 Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 97 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |