| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8955 bảng dữ liệu(PDF) 34 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8955 bảng dữ liệu(HTML) 34 Page - Wolfson Microelectronics plc |
|
34 / 43 page ![]() WM8955L Product Preview w Product Preview Rev 0.4 May2003 34 SDIN SCLK register address and 1st register data bit DEVICE ADDRESS (7 BITS) RD / WR BIT ACK (LOW) CONTROL BYTE 1 (BITS 15 TO 8) CONTROL BYTE 1 (BITS 15 TO 8) remaining 8 bits of register data STOP START ACK (LOW) ACK (LOW) Figure 16 2-Wire Serial Control Interface The WM8955L has two possible device addresses, which can be selected using the CSB pin. CSB STATE DEVICE ADDRESS Low 0011010 High 0011011 Table 25 2-Wire MPU Interface Address Selection |