| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8753LEB/RV bảng dữ liệu(PDF) 54 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8753LEB/RV bảng dữ liệu(HTML) 54 Page - Wolfson Microelectronics plc |
|
54 / 87 page ![]() Advanced Information WM8753L w AI Rev 3.1 June 2004 54 Figure 15a Master Mode Figure 15b Slave Mode Figure 15c Mixed Mode AUDIO DATA FORMATS – AUDIO INTERFACE AND VOICE INTERFACE In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRC transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles before each LRC transition. LEFT CHANNEL RIGHT CHANNEL LRC / VXFS BCLK / VXCLK DACDAT / ADCDAT / VXDIN / VXDOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 16 Left Justified Audio Interface (assuming n-bit word length) In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRC transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles after each LRC transition. |