| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8753LGEF bảng dữ liệu(PDF) 69 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8753LGEF bảng dữ liệu(HTML) 69 Page - Wolfson Microelectronics plc |
|
69 / 87 page ![]() WM8753L Advanced Information w AI Rev 3.1 June 2004 69 MCLK CLKDIV2=0 MCLK CLKDIV2=1 ADC SAMPLE RATE DAC SAMPLE RATE USB SR [4:0] FILTER TYPE ‘Normal’ Clock Mode (‘*’ indicates backward compatibility with WM8731) 8 kHz (MCLK/1536) 8 kHz (MCLK/1536) 0 00110 * 1 8 kHz (MCLK/1536) 48 kHz (MCLK/256) 0 00100 * 1 12 kHz (MCLK/1024) 12 kHz (MCLK/1024) 0 01000 1 16 kHz (MCLK/768) 16 kHz (MCLK/768) 0 01010 1 24 kHz (MCLK/512) 24 kHz (MCLK/512) 0 11100 1 32 kHz (MCLK/384) 32 kHz (MCLK/384) 0 01100 * 1 48 kHz (MCLK/256) 8 kHz (MCLK/1536) 0 00010 * 1 48 kHz (MCLK/256) 48 kHz (MCLK/256) 0 00000 * 1 12.288MHz 24.576MHz 96 kHz (MCLK/128) 96 kHz (MCLK/128) 0 01110 * 3 8.0182 kHz (MCLK/1408) 8.0182 kHz (MCLK/1408) 0 10110 * 1 8.0182 kHz (MCLK/1408) 44.1 kHz (MCLK/256) 0 10100 * 1 11.025 kHz (MCLK/1024) 11.025 kHz (MCLK/1024) 0 11000 1 22.05 kHz (MCLK/512) 22.05 kHz (MCLK/512) 0 11010 1 44.1 kHz (MCLK/256) 8.0182 kHz (MCLK/1408) 0 10010 * 1 44.1 kHz (MCLK/256) 44.1 kHz (MCLK/256) 0 10000 * 1 11.2896MHz 22.5792MHz 88.2 kHz (MCLK/128) 88.2 kHz (MCLK/128) 0 11110 * 3 8 kHz (MCLK/2304) 8 kHz (MCLK/2304) 0 00111 * 1 8 kHz (MCLK/2304) 48 kHz (MCLK/384) 0 00101 * 1 12 kHz (MCLK/1536) 12 kHz (MCLK/1536) 0 01001 1 16kHz (MCLK/1152) 16 kHz (MCLK/1152) 0 01011 1 24kHz (MCLK/768) 24 kHz (MCLK/768) 0 11101 1 32 kHz (MCLK/576) 32 kHz (MCLK/576) 0 01101 * 1 48 kHz (MCLK/384) 48 kHz (MCLK/384) 0 00001 * 1 48 kHz (MCLK/384) 8 kHz (MCLK/2304) 0 00011 * 1 18.432MHz 36.864MHz 96 kHz (MCLK/192) 96 kHz (MCLK/192) 0 01111 * 3 8.0182 kHz (MCLK/2112) 8.0182 kHz (MCLK/2112) 0 10111 * 1 8.0182 kHz (MCLK/2112) 44.1 kHz (MCLK/384) 0 10101 * 1 11.025 kHz (MCLK/1536) 11.025 kHz (MCLK/1536) 0 11001 1 22.05 kHz (MCLK/768) 22.05 kHz (MCLK/768) 0 11011 1 44.1 kHz (MCLK/384) 8.0182 kHz (MCLK/2112) 0 10011 * 1 44.1 kHz (MCLK/384) 44.1 kHz (MCLK/384) 0 10001 * 1 16.9344MHz 33.8688MHz 88.2 kHz (MCLK/192) 88.2 kHz (MCLK/192) 0 11111 * 3 USB Mode (‘*’ indicates backward compatibility with WM8731) 8 kHz (MCLK/1500) 8 kHz (MCLK/1500) 1 00110 * 0 8 kHz (MCLK/1500) 48 kHz (MCLK/250) 1 00100 * 0 8.0214 kHz (MCLK/1496) 8.0214kHz (MCLK/1496) 1 10111 * 1 8.0214 kHz (MCLK/1496) 44.118 kHz (MCLK/272) 1 10101 * 1 11.0259 kHz (MCLK/1088) 11.0259kHz (MCLK/1088) 1 11001 1 12 kHz (MCLK/1000) 12 kHz (MCLK/1000) 1 01000 0 16kHz (MCLK/750) 16kHz (MCLK/750) 1 01010 0 22.0588kHz (MCLK/544) 22.0588kHz (MCLK/544) 1 11011 1 24kHz (MCLK/500) 24kHz (MCLK/500) 1 11100 0 32 kHz (MCLK/375) 32 kHz (MCLK/375) 1 01100 * 0 44.118 kHz (MCLK/272) 8.0214kHz (MCLK/1496) 1 10011 * 1 44.118 kHz (MCLK/272) 44.118 kHz (MCLK/272) 1 10001 * 1 48 kHz (MCLK/250) 8 kHz (MCLK/1500) 1 00010 * 0 48 kHz (MCLK/250) 48 kHz (MCLK/250) 1 00000 * 0 88.235kHz (MCLK/136) 88.235kHz (MCLK/136) 1 11111 * 3 12.000MHz 24.000MHz 96 kHz (MCLK/125) 96 kHz (MCLK/125) 1 01110 * 2 Table 67 Master Clock and Sample Rates |