| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZOPT2202AC9R bảng dữ liệu(PDF) 12 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZOPT2202AC9R bảng dữ liệu(HTML) 12 Page - Integrated Device Technology |
|
12 / 41 page ![]() ZOPT2202 Datasheet © 2016 Integrated Device Technology, Inc 12 September 21, 2016 3. Detailed Description The ZOPT2202 contains 5 different photodiode channels for UV energy level measurement, temperature compensation, and stray light compensation. The sensor diodes are arranged in a matrix array. The photodiode currents are converted to digital values by the ADCs. The ZOPT2202 includes some peripheral circuits such as internal oscillator, current source, voltage reference, and non-volatile memory (NVM) to store trimming information. 3.1 Block Diagram of ZOPT2202 Figure 3.1 Simplified ZOPT2202 Block Diagram I²C Register File INT SDA SCL Main State Machine NVM Oscillator Power-On-Reset Bandgap Regulator Reference GND VDD 1.7 to 3.6V Interrupt Control = Digital Block = Analog Block Sensor Control ADC UVA ADC UVB ADC UVB2 ADC COMP ADC UV_COMP |