| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8198CDS/R bảng dữ liệu(PDF) 6 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8198CDS/R bảng dữ liệu(HTML) 6 Page - Wolfson Microelectronics plc |
|
6 / 31 page ![]() WM8198 Production Data w PD Rev 4.0 June 2004 6 ELECTRICAL CHARACTERISTICS Test Conditions AVDD = DVDD1 = 5.0, DVDD2 = 3.3, AGND = DGND = 0V, TA = 25 °C, MCLK = 12MHz unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Overall System Specification (including 16-bit ADC, PGA, Offset and CDS functions) Conversion Rate HIGHSPEED =0, HIGHSPEED= 1, MCLK = 24MHz 6 12 MSPS MSPS Full-scale input voltage range, PGAMODE=0. (see Note 1) Max Gain Min Gain 0.4 4.08 Vp-p Vp-p Full-scale input voltage range, PGAMODE=1. (see Note 1) Max Gain Min Gain 0.6 3 Vp-p Vp-p Input signal limits (see Note 2) VIN 0 AVDD V Full-scale transition error Gain = 0dB; PGA[8:0] = 96(hex) 20 mV Zero-scale transition error Gain = 0dB; PGA[8:0] = 96(hex) 20 mV Differential non-linearity DNL 1.25 LSB Integral non-linearity INL 20 LSB Total output noise Min Gain Max Gain 3.9 11 LSB rms LSB rms Channel to channel gain matching 1 % References Upper reference voltage VRT 2.85 V Lower reference voltage VRB 1.35 V Input return bias voltage VRX 1.65 V Diff. reference voltage (VRT-VRB) VRTB 1.4 1.5 1.6 V Output resistance VRT, VRB, VRX 1 Ω VRLC/Reset-Level Clamp (RLC) RLC switching impedance 50 Ω VRLC short-circuit current 2 mA VRLC output resistance 2 Ω VRLC Hi-Z leakage current VRLC = 0 to AVDD 1 µA RLCDAC resolution 4 bits RLCDAC step size, RLCDAC = 0 VRLCSTEP AVDD = 5.0V 0.25 V/step RLCDAC step size, RLCDAC = 1 VRLCSTEP 0.17 V/step RLCDAC output voltage at code 0(hex), RLCDACRNG = 0 VRLCBOT AVDD = 5.0V 0.39 V RLCDAC output voltage at code 0(hex), RLCDACRNG = 1 VRLCBOT 0.26 V RLCDAC output voltage at code F(hex) RLCDACRNG, = 0 VRLCTOP AVDD = 5.0V 4.14 V RLCDAC output voltage at code F(hex), RLCDACRNG = 1 VRLCTOP 2.81 V VRLC deviation 25 mV Offset DAC, Monotonicity Guaranteed Resolution 8 bits Differential non-linearity DNL 0.1 0.5 LSB Integral non-linearity INL 0.25 1 LSB Step size 2.04 mV/step Output voltage Code 00(hex) Code FF(hex) -260 +260 mV mV Notes: 1. Full-scale input voltage denotes the maximum amplitude of the input signal at the specified gain. 2. Input signal limits are the limits within which the full-scale input voltage signal must lie. |