| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2000C bảng dữ liệu(PDF) 10 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
S2000C bảng dữ liệu(HTML) 10 Page - Amphenol Corporation |
|
10 / 11 page ![]() Page 10 of 11 Protimeter Speedy March 2014 14. Transport Information Calcium Carbide must only be packed and transported in packing according to international transport regulations. The packing must be strong and tightly closed to prevent access of humidity to the material. For further information about the different transport classes, consult national / international transport authorities. 15. Regulatory Information According to EU-Dir. 67/548, as amended, the product is labeled as follows: F - Highly flammable R 15 Contact with water liberates highly flammable gases S 8 Keep container dry S 43 In case of fire, use dry sand (i.e.) dry powder. Never use water. 16. Other Information The information given here is based on the present state of our knowledge and describes our product under the aspect of safety. It should not therefore be construed as guaranteeing specific properties. The information contained in this manual is given in good faith. As the method of use of the instrument (and its accessories) and the interpretation of the readings are beyond the control of the manufacturers, they cannot accept responsibility for any loss, consequential or otherwise, resulting from its use. USA Amphenol Advanced Sensors 7 Windfall Road St. Mary’s PA 15857-3333 Ireland Sensing House Shannon Free Zone East, Shannon, County Clare UN No.: 1402 Air Transport (ICAO-TI/IATA-DGR): Class 4.3, P.G. II, P/A: 416/15 Kg CAO: 418/50 Kg Sea Transport (IMDG-Code, Amdt. 25-89): Class 4.3, PG. II, Page 4335 EMS: 4.3-03 MFAG:705 Stowage Cat.: B Road Transport (ADR): Class 4.3, Item 17(b) Kemlercode: 423/1402 Rail Transport (RID): Class 4.3, Item 17(b) Kemlercode: 423/1402 CEFIC - Card: (R) - 192 |