công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L2000D bảng dữ liệu(PDF) 10 Page - Amphenol Corporation

tên linh kiện L2000D
Giải thích chi tiết về linh kiện  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L2000D bảng dữ liệu(HTML) 10 Page - Amphenol Corporation

Back Button L2000D Datasheet HTML 3Page - Amphenol Corporation L2000D Datasheet HTML 4Page - Amphenol Corporation L2000D Datasheet HTML 5Page - Amphenol Corporation L2000D Datasheet HTML 6Page - Amphenol Corporation L2000D Datasheet HTML 7Page - Amphenol Corporation L2000D Datasheet HTML 8Page - Amphenol Corporation L2000D Datasheet HTML 9Page - Amphenol Corporation L2000D Datasheet HTML 10Page - Amphenol Corporation L2000D Datasheet HTML 11Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page 10 of 11
Protimeter Speedy
March 2014
14. Transport Information
Calcium Carbide must only be packed and transported in packing according to international transport regulations. The
packing must be strong and tightly closed to prevent access of humidity to the material.
For further information about the different transport classes, consult national / international transport authorities.
15. Regulatory Information
According to EU-Dir. 67/548, as amended, the product is labeled as follows:
F -
Highly flammable
R 15
Contact with water liberates highly flammable gases
S 8
Keep container dry
S 43
In case of fire, use dry sand (i.e.) dry powder. Never use water.
16. Other Information
The information given here is based on the present state of our knowledge and describes our product under the aspect of
safety. It should not therefore be construed as guaranteeing specific properties.
The information contained in this manual is given in good faith. As the method of use of the instrument (and its accessories) and the
interpretation of the readings are beyond the control of the manufacturers, they cannot accept responsibility for any loss,
consequential or otherwise, resulting from its use.
USA
Amphenol Advanced Sensors
7 Windfall Road
St. Mary’s PA 15857-3333
Ireland
Sensing House
Shannon Free Zone East,
Shannon, County Clare
UN No.:
1402
Air Transport (ICAO-TI/IATA-DGR):
Class 4.3, P.G. II,
P/A: 416/15 Kg
CAO: 418/50 Kg
Sea Transport (IMDG-Code, Amdt. 25-89):
Class 4.3, PG. II,
Page 4335
EMS: 4.3-03
MFAG:705
Stowage Cat.: B
Road Transport (ADR):
Class 4.3, Item 17(b)
Kemlercode: 423/1402
Rail Transport (RID):
Class 4.3, Item 17(b)
Kemlercode: 423/1402
CEFIC - Card:
(R) - 192



Html Pages

1 2 3 4 5 6 7 8 9 10 11