công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P111 bảng dữ liệu(PDF) 2 Page - Amphenol Corporation

tên linh kiện P111
Giải thích chi tiết về linh kiện  Highly reliable, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P111 bảng dữ liệu(HTML) 2 Page - Amphenol Corporation

  P111 Datasheet HTML 1Page - Amphenol Corporation P111 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P111 Specifications
Parameter
Value
Units
Notes
General
Pressure Range
100
KPa
-15 psi (-1 bar)
200
KPa
-30 psi (-2 bar)
700
KPa
-100 psi (-7 bar)
Maximum Overpressure
2X
rated pressure
Electrical @ 72°F (25°C) unless noted
Excitation
1.0
mA
10 VDC
Maximum
Input Impedance
5000 ±20%
Ω
Output Impedance
5000 ±20%
Ω
Environmental
Temperature Range
Operating
-40 to 257
°F
(-40°C to 125°C)
Storage
-67 to 302
°F
(-55°C to 150°C)
Mechanical
Weight
0.00009
lb
(0.04 grams)
Media Compatibility
Clean dry air,
non-corrosive
gases
Performance Parameters (1)
Value (6)
Units
Notes
Zero Offset
±50
mV
1
Full Scale (FS) Output
133 ± 33
mV
Linearity
0.25
%FSO
2
Pressure Hysteresis
0.05
%FSO
Temperature
Coefficient of Zero
30
µV/ V / °C
3
Temperature
Coefficient of
Resistance
0.27
% /°C
3
Temperature
Coefficient of Sensitivity
-0.19
%FSO/°C
3
Thermal
Hysteresis of Zero
0.2
%FSO
3
Long Term Stability of FSO
0.2
%FSO
4
1. 0 KPaA for absolute sensors, 0 KPaG for differential or gage sensors.
2. Best fit straight line.
3. Between 32°F and 158°F (0°C and 70°C).
4. Typical value over one year.
5. All values measured at 77°F (25°C) and 1 mA excitation, unless otherwise noted.
Shipping and Handling
All wafers are shipped in protective containers. The wafers are sawn
on sticky tape with plastic rings. All wafers are electrically probed
and visually inspected. Samples from each wafer verify offset , FS
output , and linearity. Electrical rejects are inked with red dots. Visual
rejects are inked with blue dots. Each wafer will have the following
information: Lot number, wafer number, device number, and the
number of good dice.
Warranty
NovaSensor warrants its products against defects in material and
workmanship for 12 months from the date of shipment . Products
not subjected to misuse will be repaired or replaced. NovaSensor
reserves the right to make changes without further notice to any
products herein. NovaSensor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular
application. NovaSensor does not assume any liability arising out of
the application or use of any product or circuit and specifically dis-
claims, and all liability, without limitation consequential or incidental
damages. The foregoing warranties are exclusive and in lieu of all
other warranties, whether written, oral, implied or statutory. No im-
plied statutory warranty of merchantability or fitness for a particular
purpose shall apply.
AAS-920-264B-07/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Die dimensions: 0.10 in x 0.12 in x 0.07 in
(2.7 mm x 3.2 mm x 2 mm)
P111 schematic diagrams
Ordering Information
Minimum Release Quantity: 2 wafers or approximately 900 die
Part Number
Description
51006
100 KPaD/G
51007
200 KPaD/G
51008
700 KPaD/G
51010
100 KPaA
51011
200 KPaA
51012
700 KPaA



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com