công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC2D23 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện CC2D23
Giải thích chi tiết về linh kiện  Fully Calibrated & Temperature Compensated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CC2D23 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  CC2D23 Datasheet HTML 1Page - Amphenol Corporation CC2D23 Datasheet HTML 2Page - Amphenol Corporation CC2D23 Datasheet HTML 3Page - Amphenol Corporation CC2D23 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ChipCap® 2
A Fully Calibrated
Humidity and Temperature
Sensor
Features
• Fully Calibrated & Temperature
Compensated
• Digital or Analog Output with Alarm
Function
• Precision & Accuracy (±2%RH, ±0.3°C, 14
bit )
• Free Operating Voltage (min 2.7V to max
5.5V)
• Low Current Consumption
• SMD Package for Automated Assembly
• Reliable in Harsh Environments
Applications
• Energy Saving HVAC Control —Air
Conditioning, Refrigeration, Indoor Air
Quality, Vent Fans, Home Appliances,
Humi/Dehumidifiers
• Process Control & Instrumentation—
Medical Instruments, Handheld Devices,
Weather Stations, Food Processing,
Printers, RFIDs
• Automobile & Transportation—Cabin
Climate Control, Defogging Control
Condensing Preventive Device
• Medical — Nebulizers, Oxygen air, CPAP/
Sleep Apnea devices
• OEM assemblies available
ChipCap® 2 offers the most advanced and cost
effective humidity and temperature sensing
solution for virtually any type of application.
A capacitive polymer sensor chip and a CMOS
integrated circuit with EEPROM are integrated
intooneembeddedsysteminareflow
solderable SMD package.
Individually calibrated and tested, ChipCap 2
performs at ±2% from 20% to 80% RH (±3%
over entire humidity range), and is simple and
ready to use without further calibration or
temperature compensation.
ChipCap 2 provides linear output signals in
various interfaces to customer requirements:
• I²C interface
• PDM convertible to analog signal
• Alarm function for preset control at min/
max humidity
Amphenol
Advanced Sensors
®


Số phần tương tự - CC2D23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Electric Compan...
CC2D23 GEC-CC2D23 Datasheet
906Kb / 5P
ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
logo
Amphenol Corporation
CC2D23-SIP AMPHENOL-CC2D23-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
logo
General Electric Compan...
CC2D23S GEC-CC2D23S Datasheet
906Kb / 5P
ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
logo
Amphenol Corporation
CC2D23S-SIP AMPHENOL-CC2D23S-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
More results

Mô tả tương tự - CC2D23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
List of Unclassifed Man...
SM5611 ETC2-SM5611 Datasheet
337Kb / 2P
OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED DUAL-IN-LINE PACKAGE
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
Calibrated and temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com