| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMC1065LP4E bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC1065LP4E bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 16 page ![]() For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D 2 HMC1065LP4E v03.0915 GaAs MMIC I/Q DOWNCONVERTER 27 - 34 GHz LO Return Loss vs. Temperature Conversion Gain vs. LO Drive, USB RF Return Loss vs. Temperature IF Return Loss [1] Image Rejection vs. Temperature, USB Conversion Gain vs. Temperature, USB [1] Data taken without external iF 90 ° hybrid Data Taken as SSB Downconverter with External IF 90° Hybrid, IF = 2000 MHz 0 10 20 30 40 27 28 29 30 31 32 33 34 +25 C +85 C -40 C RF FREQUENCY (GHz) -30 -25 -20 -15 -10 -5 0 27 28 29 30 31 32 33 34 +25 C +85 C -40 C RF FREQUENCY (GHz) -25 -20 -15 -10 -5 0 12 13 14 15 16 17 18 +25 C +85 C -40 C LO FREQUENCY (GHz) -25 -20 -15 -10 -5 0 012345 6 IF1 IF2 IF FREQUENCY (GHz) 0 5 10 15 20 25 27 28 29 30 31 32 33 34 +25 C +85 C -40 C RF FREQUENCY (GHz) 0 5 10 15 20 25 27 28 29 30 31 32 33 34 -6 dBm -4 dBm -2 dBm 0 dBm +2 dBm +4 dBm +6 dBm +8 dBm RF FREQUENCY (GHz) Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D |