| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT2802C bảng dữ liệu(PDF) 4 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT2802C bảng dữ liệu(HTML) 4 Page - Active-Semi, Inc |
|
4 / 25 page ![]() Rev 7, 15-Jul-16 Innovative PowerTM - 4 - www.active-semi.com Copyright © 2016 Active-Semi, Inc. ACT2802/ACT2802B/ACT2802C ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT All the Pin to PGND and AGND -0.3 to 6.5 V Junction to Ambient Thermal Resistance 40 °C/W Maximum Power Dissipation 2.5 W Operating Junction Temperature -40 to 150 °C Storage Junction Temperature -40 to 150 °C Lead Temperature (Soldering 10 sec.) 300 °C Operating Ambient Temperature -40 to 85 °C : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |