công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

64S36R-MSOS3 bảng dữ liệu(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

tên linh kiện 64S36R-MSOS3
Giải thích chi tiết về linh kiện  Calibration Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Trang chủ  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

64S36R-MSOS3 bảng dữ liệu(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  64S36R-MSOS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 64S36R-MSOS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 64S36R-MSOS3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
4.3-10
Calibration Kit
Plug
64S36R-MSOS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Short
Offset Zo / Impedance / Zo
50
Ω
Offset Delay
80.823 ps
Length (electrical) / Offset Length
24.23 mm
Offset Loss
0.70 G
Ω/s
Loss
0.0098 dB/ GHz
Short Inductance
L0 = -35.0000 x 10
-12 H
/
-35.0000 pH
L1 = -7100.00 x 10
-24 H/Hz /
-7.10000 pH/GHz
L2 =
5800.00 x 10
-33 H/Hz2 /
5.80000 pH/GHz
2
L3 = -740.000 x 10
-42 H/Hz3 /
-0.74000 pH/GHz
3
Load
Offset Zo / Impedance / Zo
50
Ω
Offset Delay
0.0000 ps
Length (electrical) / Offset Length
0.000 mm
Offset Loss
0.00 G
Ω/s
Loss
0.0000 dB/ GHz
Environmental data
Operating temperature range
3
0 °C to +50 °C
Storage temperature range
-55 °C to +90 °C
RoHS
compliant
3 Temperature range over which these specifications are valid.
Packing
Standard
1 pce in bag
Weight
258 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Marcel Panicke
01.10.13
Lars Ramtke
26.01.17
d00
17-0160
Marion Striegler
26.01.17
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2 3