| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5053 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5053 bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 28 page ![]() Rev 21 Jan 2014 15:09 | Page 3 Figure 1. INSTALLING THE SOFTWARE (ADP5051 ONLY) Note that the ADP5051 evaluation board can be powered up in standalone operation without the GUI software. Using the GUI software to access the advanced functionality of the ADP5051 product is optional. Before starting the software installation, ensure that the ADP5051 evaluation board is not connected to the USB port of the PC. INSTALLING LABVIEW Note that if the PC has LabVIEW™ already installed, this following step is not needed. The application software is a compiled LabVIEW program, which requires LabVIEW 8.5 or later and a |