công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADA4530-1R-EBZ bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADA4530-1R-EBZ
Giải thích chi tiết về linh kiện  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADA4530-1R-EBZ Datasheet HTML 1Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 2Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
Rev. 0 | Page 5 of 14
CLEANING AND HANDLING
It is important to always handle the board by the edges and
never touch the area within SHIELD1.
Before using the board, properly clean the evaluation board to
remove any contaminants, such as solder flux, saline moisture,
dirt, and dust, to maintain its low leakage performance. Any
contaminants can severely degrade its femtoampere performance.
The board must also be cleaned again after any rework to the
components.
An effective cleaning procedure consists of the following steps:
1.
Soak the board in an ultrasonic bath with cleanroom grade
isopropyl alcohol for 15 minutes. Ultrasonic cleaning uses
ultrasound at a high frequency, creating cavitation in the
cleaning solution. This process helps to remove contami-
nants on the surface of the board and in areas under
soldered components that are hard to reach. The next
cleaning steps require using fresh isopropyl alcohol.
2.
Remove the board from the ultrasonic bath with a pair of
forceps. Rinse and flush the board with isopropyl alcohol
to remove any contaminant residue.
3.
Flood the board with isopropyl alcohol and gently scrub
it with an acid brush. Concentrate on areas between the
U1 pins, the input traces to J1, the guard ring, and the area
within SHIELD1.
4.
Rinse and flush the board with isopropyl alcohol.
5.
Repeat Step 3 and Step 4 for the bottom of the board.
6.
Give a final flush for the top and bottom of the board with
isopropyl alcohol.
7.
Use compressed dry air to dry the board. Blow air around
the U1 pins, the input traces to J1, and the guard ring area.
Be sure to direct the compressed air under J1 and U1 as well.
8.
To make sure that the board is completely dry, bake the
board in the oven at 125°C for 15 minutes.
9.
After cleaning, remember to place the cover of the metal
shield on both sides of the board. The metal shields help
prevent any contact to the guarded area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com