| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9528BCPZ bảng dữ liệu(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528BCPZ bảng dữ liệu(HTML) 61 Page - Analog Devices |
|
61 / 68 page ![]() AD9528 Data Sheet Rev. C | Page 60 of 67 Table 58. Distribution Sync Address Bits Bit Name Description 0x032A [7:1] Reserved Reserved. 0 SYNC outputs Issues SYNC on transition of bit 0 from 1 to 0. Table 59. Ignore SYNC Enable Address Bits Bit Name Description 0x032B 7 Channel 7 ignore sync 0 = Channel 7 synchronizes to sync command. 1 = Channel 7 ignores sync command. 6 Channel 6 ignore sync 0 = Channel 6 synchronizes to sync command. 1 = Channel 6 ignores sync command. 5 Channel 5 ignore sync 0 = Channel 5 synchronizes to sync command. 1 = Channel 5 ignores sync command. 4 Channel 4 ignore sync 0 = Channel 4 synchronizes to sync command. 1 = Channel 4 ignores sync command. 3 Channel 3 ignore sync 0 = Channel 3 synchronizes to sync command. 1 = Channel 3 ignores sync command. 2 Channel 2 ignore sync 0 = Channel 2 synchronizes to sync command. 1 = Channel 2 ignores sync command. 1 Channel 1 ignore sync 0 = Channel 1 synchronizes to sync command. 1 = Channel 1 ignores sync command. 0 Channel 0 ignore sync 0 = Channel 0 synchronizes to sync command. 1 = Channel 0 ignores sync command. 0x032C 7 Reserved Reserved. 6 PLL2 feedback N2 divider ignore sync 0 = PLL2 N2 divider synchronizes to sync command 1 = PLL2 N2 divider ignores sync command 5 Channel 13 ignore sync 0 = Channel 13 synchronizes to sync command 1 = Channel 13 ignores sync command 4 Channel 12 ignore sync 0 = Channel 12 synchronizes to sync command 1 = Channel 12 ignores sync command 3 Channel 11 ignore sync 0 = Channel 11 synchronizes to sync command 1 = Channel 11 ignores sync command 2 Channel 10 ignore sync 0 = Channel 10 synchronizes to sync command 1 = Channel 10 ignores sync command 1 Channel 9 ignore sync 0 = Channel 9 synchronizes to sync command 1 = Channel 9 ignores sync command 0 Channel 8 ignore sync 0 = Channel 8 synchronizes to sync command 1 = Channel 8 ignores sync command |