công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8233CB-EBZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD8233CB-EBZ
Giải thích chi tiết về linh kiện  Easy mode selection with switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8233CB-EBZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD8233CB-EBZ Datasheet HTML 1Page - Analog Devices AD8233CB-EBZ Datasheet HTML 2Page - Analog Devices AD8233CB-EBZ Datasheet HTML 3Page - Analog Devices AD8233CB-EBZ Datasheet HTML 4Page - Analog Devices AD8233CB-EBZ Datasheet HTML 5Page - Analog Devices AD8233CB-EBZ Datasheet HTML 6Page - Analog Devices AD8233CB-EBZ Datasheet HTML 7Page - Analog Devices AD8233CB-EBZ Datasheet HTML 8Page - Analog Devices AD8233CB-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8233CB-EBZ User Guide
UG-1016
Rev. 0 | Page 3 of 12
EVALUATION BOARD HARDWARE
A simplified schematic is shown in Figure 2 of the AD8233CB-
EBZ evaluation board default configuration. See the Evaluation
Board Component Selection section for the full schematic. The
expected output signal is measured at the OUT terminal, shown in
Figure 3.
+VS
AD8233
+VS
GND
OUT
OPAMP–
REFOUT
OPAMP+
SW
REFIN
IAOUT
HPSENSE
HPDRIVE
+IN
–IN
RLD
RLDFB
FR
SDN
AC/DC
G = 100
LEADS-OFF
DETECTION
A1
A2
10kΩ
10kΩ
150kΩ
S1
S2
A3
A5
B5
C5
C4
D5
D4
D3
C3
D2
D1
C1
C2
B1
B2
B3
A1
A2
A3
B4
A4
+VS
IAOUT
HIGH PASS
TO OPAMP
STAGE
HIGH PASS
SECOND-ORDER LOW PASS AND GAIN
ELECTRODES
OPTIONAL
DRIVEN LEAD
ELECTRODE
LOD
RLD SDN
FR
SDN
AC/DC
VOUT
10MΩ
10MΩ
180kΩ
180kΩ
499kΩ
1nF
10MΩ
10MΩ
10MΩ
1MΩ
100kΩ
1MΩ
200kΩ
100kΩ
0.22µF
10nF
22nF
0.22µF
10µF
RLD SDN
C
Figure 2. AD8233CB-EBZ Default Configuration
0.5V/DIV
500ms/DIV
Figure 3. AD8233CB-EBZ Expected Output Signal
Measured at the OUT Terminal
QUICK START GUIDE
The AD8233CB-EBZ evaluation board ships with a default
configuration of a three-electrode system that connects to the
hands of a subject. For a three-electrode configuration, verify
the switches and jumpers are set to the default values shown in
Table 1. Various other configurations are shown in Table 2.
Table 1. Default Switch and Jumper Settings
Label
Position
Setting
S1
FR_DIS
Fast restore disabled
S2
DC
DC leads off detection
S3
EN
Operation enabled
S4
RLD_EN
RLD enabled
Input Bias Selection
P4, P6, P7
Three-electrode dc
REFIN Resistor Divider EN
P8, P9
REFIN is set to +VS/2
Setup Procedure
Take the following steps to set up the AD8233CB-EBZ
evaluation board:
1. Connect a power supply common to the GND terminal on
the evaluation board. Connect a +3 V supply voltage at the
+VS terminal.
2. Connect the left arm (LA) terminal and the right arm (RA)
terminal to a signal source such as an ECG signal generator.
3. Connect the right leg (RL) terminal to a signal source such
as an ECG signal generator. The RLD is available via the
RL terminal.
4. Alternatively, connect a sensor cable (not included) to the
3.5 mm electrode jack and connect the electrodes to a
signal source such as an ECG signal generator.
5. The output signal is available on the OUT terminal. The
expected output signal is shown in Figure 3.
Precaution When Using the AD8233CB-EBZ
For safety reasons, Analog Devices recommends evaluating the
AD8233 with an ECG signal source instead of a live subject.
Although the LA, RA, and RL electrode terminals are equipped
with current-limiting resistors (R6 and R7), these resistors are not
a comprehensive patient protection system. The resistors may
not protect against supply line transients or leakage currents
coming through power and acquisition systems. The user is
fully responsible for understanding and applying all the safety
guidelines and regulations that apply to medical equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12