| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4895-2ARMZ-R7 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4895-2ARMZ-R7 bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADA4895-1/ADA4895-2 Data Sheet PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS NC 1 –IN 2 +IN 3 –VS 4 8 +VS 7 OUT 6 NC 5 ADA4895-1 DISABLE NC = NO CONNECT. DO NOT CONNECT TO THIS PIN. Figure 5. 8-Lead SOIC Pin Configuration for the ADA4895-1 Table 7. 8-Lead SOIC Pin Function Descriptions for the ADA4895-1 Pin No. Mnemonic Description 1, 5 NC No Connect. Do not connect to these pins. 2 −IN Inverting Input. 3 +IN Noninverting Input. 4 −VS Negative Supply. 6 OUT Output. 7 +VS Positive Supply. 8 DISABLE Disable. ADA4895-1 OUT 1 –VS 2 +IN 3 +VS 6 5 –IN 4 DISABLE Figure 6. 6-Lead SOT-23 Pin Configuration for the ADA4895-1 Table 8. 6-Lead SOT-23Pin Function Descriptions for the ADA4895-1 Pin No. Mnemonic Description 1 OUT Output 2 −VS Negative Supply 3 +IN Noninverting Input 4 −IN Inverting Input 5 DISABLE Disable 6 +VS Positive Supply Rev. B | Page 8 of 24 |