| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4177-1ARMZ-R7 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4177-1ARMZ-R7 bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 31 page ![]() ADA4177-1/ADA4177-2/ADA4177-4 Data Sheet PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS Figure 3. 8-Lead MSOP Pin Configuration, ADA4177-1 Figure 4. 8-Lead SOIC Pin Configuration, ADA4177-1 Table 6. ADA4177-1 Pin Function Descriptions Pin No. Mnemonic Description 1, 5, 8 NIC Not Internally Connected. 2 −IN Inverting Input Channel. 3 +IN Noninverting Input Channel. 4 V− Negative Supply Voltage. 6 OUT Output Channel. 7 V+ Positive Supply Voltage. NOTES 1. NIC = NOT INTERNALLY CONNECTED. NIC –IN +IN V– NIC V+ OUT NIC ADA4177-1 TOP VIEW (Not to Scale) 1 2 3 4 8 7 6 5 NOTES 1. NIC = NOT INTERNALLY CONNECTED. NIC 1 –IN 2 +IN 3 V– 4 NIC 8 V+ 7 OUT 6 NIC 5 ADA4177-1 TOP VIEW (Not to Scale) Rev. C | Page 8 of 31 |