| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZAMC4100 bảng dữ liệu(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZAMC4100 bảng dữ liệu(HTML) 2 Page - Integrated Device Technology |
|
2 / 155 page ![]() Actuator and Motor Controller ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 2 January 26, 2016 ZAMC4100 Application Circuit for Automotive Mirror Control HB1 HB2 HB3 HB4 HS4 M M M HS3 Turn signal Puddle lamp HS2 BSD lamp HS1 Heater EC_ RES EC_M S_P S_N AIN1 AIN2 EC Mirror VDDE CAP_5V0 VSS1-5 VSSD1-2 VSSA AIN3/TEMP1 GPIO0 GPIO7 LIN GND Vbat CAP_CP C2 C5 R1 R5 P1 P2 VDDE1-8 T2 D1 VSS_LIN R2 R3 R4 ext. temp C6 C7 C8 CAP_3V3 CAP_1V8 CAP_MCU ZAMC4100 C4 T1 VSS_IO C1 C3 C9 D2 AIN4/TEMP2 Typical Applications • Automotive exterior rear view mirror controllers • Intelligent DC motor drivers • Stand alone or slave actuator controllers • Power management for low voltage electrical systems • Single chip solution for optimized white goods’ controllers Note: Refer to the ZAMC4100 Data Sheet for the values and functions of the external components in the application circuit. Multi-Chip-Module Assembly: Microcontroller Unit (MCU) and System Basis Chip (SBC) SBC MCU Off-chip bonding wires External pin bonding wires Exposed pad |