| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P9235A-RNDGI8 bảng dữ liệu(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9235A-RNDGI8 bảng dữ liệu(HTML) 3 Page - Integrated Device Technology |
|
3 / 23 page ![]() P9235A-R Datasheet © 2016 Integrated Device Technology, Inc 3 May 17, 2016 Electrical Characteristics Table 4. Device Characteristics VIN = 5 V, VDDIO = 3.3 V, EN ¯¯ = 0V, LP= 6.5 µH, CP = 400 nF TA = -40C to +85C. Typical values are at 25°C, unless otherwise noted. Symbol Description Conditions/Notes Min Typical Max Units Input Supplies and UVLO VIN Input Operating Range 4.5 5.0 5.5 V VIN_UVLO_FW Firmware Controlled Under- Voltage Lockout. VIN Rising 4.3 V ISTD_BY2 Standby Mode Current Periodic ping 12 mA ISHD Shutdown Current ENB = VIN 25 80 µA Enable - EN ¯¯ VOH_ENB Output logic high 2.0 V VOL_ENB Output logic low 0.25 V Buck Converter1,2 - COUT=10µF; L=4.7µH VOUT Buck Output Voltage VIN>5.5V 5 V IOUT Output Current 50 mA N-Channel MOSFET Drivers TLS_ON_OFF Low Side Gate Drive Rise & Fall times CL= 3nF; 10 – 90%, 90 – 10% 50 150 ns THS_ON_OFF High Side Gate Drive rise & Fall times CL= 3nF; 10 – 90%, 90 – 10% 150 300 ns Input Current Sense VSEN_OFST Amplifier offset voltage Measured at ISNS_OUT pin; ISNS_H=ISNS_L 0.6 V ISENACC_TYP Measured Current sense accuracy VR_ISEN=25mV, I=1.25A ±3.5 % Analog to Digital Converter N Resolution 12 Bit Channel Number of channels 10 VIN,FS Full scale Input voltage 2.4 V LDO181,2 - COUT=1µF; VOUT18 Output voltage 1.71 1.8 1.89 V ΔVOUT/VOUT Output voltage accuracy ±5 % IOUT18_MAX Maximum load current 10 mA LDO331,2 - COUT=1µF; VOUT33 Output voltage 3.15 3.3 3.45 V ΔVOUT/VOUT Output voltage accuracy ±5 % IOUT33_MAX Maximum Output Current 20 mA Thermal Shutdown TSD Thermal shutdown Threshold Rising 140 °C Threshold Falling 120 °C |