| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F465KA bảng dữ liệu(PDF) 4 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F465KA bảng dữ liệu(HTML) 4 Page - Cypress Semiconductor |
|
4 / 86 page ![]() MB91460K Series Document Number: 002-04602 Rev. *A Page 4 of 86 86 1. Product Lineup Feature MB91V460A (Evaluation device) MB91F465KA MB91F465KB Max. core frequency (CLKB) 80MHz 80MHz Max. resource frequency (CLKP) 40MHz 40MHz Max. external bus freq. (CLKT) 40MHz 40MHz Max. CAN frequency (CLKCAN) 20MHz 40MHz Technology 0.35 m 0.18 m Watchdog timer yes yes Watchdog timer (RC osc. based) yes (disengageable) yes Bit Search yes yes Reset input (INITX) yes yes Hardware Standby input (HSTX) yes - Clock Modulator yes yes Low Power Mode yes yes DMA 5 ch 5 ch MMU/MPU MPU (16 ch) [1] MPU (2 ch) [1] Flash memory Emulation SRAM 32bit read data 544 KByte Satellite Flash memory n.a. - Flash Protection n.a. yes D-RAM 64 KByte 8 KByte ID-RAM 64 KByte 8 KByte Flash-cache (F-cache) 16 KByte 4 KByte Boot-ROM / BI-ROM 4 KByte fixed 4 KByte RTC 1 ch 1 ch Free Running Timer 8 ch 8 ch ICU 8 ch 8 ch OCU 8 ch 8 ch Reload Timer 8 ch 8 ch PPG 16-bit 16 ch 12 ch PFM 16-bit 1 ch - Sound Generator 1 ch - Up/Down Counter (8/16-bit) 4 ch (8-bit) / 2 ch (16-bit) - C_CAN 6 ch (128msg) 1 ch (32msg) LIN-USART 4 ch + 4 ch FIFO + 8 ch 4 ch + 1 ch FIFO I2C (400k) 4 ch 1 ch |