công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F442-E/P bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện PIC18F442-E/P
Giải thích chi tiết về linh kiện  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 26Page - Microchip Technology PIC18F442-E/P Datasheet HTML 27Page - Microchip Technology PIC18F442-E/P Datasheet HTML 28Page - Microchip Technology PIC18F442-E/P Datasheet HTML 29Page - Microchip Technology PIC18F442-E/P Datasheet HTML 30Page - Microchip Technology PIC18F442-E/P Datasheet HTML 31Page - Microchip Technology PIC18F442-E/P Datasheet HTML 32Page - Microchip Technology PIC18F442-E/P Datasheet HTML 33Page - Microchip Technology PIC18F442-E/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 332 page
background image
PIC18FXX2
DS39564B-page 28
 2002 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
242
442
252
452
---0 0000
---0 0000
---0 uuuu(3)
TOSH
242
442
252
452
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
242
442
252
452
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
242
442
252
452
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
242
442
252
452
---0 0000
---0 0000
---u uuuu
PCLATH
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
PCL
242
442
252
452
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
242
442
252
452
--00 0000
--00 0000
--uu uuuu
TBLPTRH
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
TABLAT
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
PRODH
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
242
442
252
452
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
242
442
252
452
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
242
442
252
452
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
242
442
252
452
N/A
N/A
N/A
POSTINC0
242
442
252
452
N/A
N/A
N/A
POSTDEC0
242
442
252
452
N/A
N/A
N/A
PREINC0
242
442
252
452
N/A
N/A
N/A
PLUSW0
242
442
252
452
N/A
N/A
N/A
FSR0H
242
442
252
452
---- xxxx
---- uuuu
---- uuuu
FSR0L
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
242
442
252
452
N/A
N/A
N/A
POSTINC1
242
442
252
452
N/A
N/A
N/A
POSTDEC1
242
442
252
452
N/A
N/A
N/A
PREINC1
242
442
252
452
N/A
N/A
N/A
PLUSW1
242
442
252
452
N/A
N/A
N/A
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ’0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com