| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F577CSPMC bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CSPMC bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor |
|
14 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 14 of 163 MB91570 Series 4. Pin Description (LQFP-144) Pin Number Pin Name I/O Circuit Type Function Description 2 P015 H/I4 *1 General-Purpose I/O Port D29_0 External Bus Data I/O pin SEG5 LCDC Segment(Duty)Output pin D21_1 External Bus Data I/O pin INT13_1 External Interrupt Request Input pin ch.13 relocation 1 3 P016 H/I4 *1 General-Purpose I/O Port D30_0 External Bus Data I/O pin SEG6 LCDC Segment(Duty)Output pin D22_1 External Bus Data I/O pin INT14_1 External Interrupt Request Input pin ch.14 relocation 1 4 P017 H/I4 *1 General-Purpose I/O Port D31_0 External Bus Data I/O pin SEG7 LCDC Segment(Duty)Output pin D23_1 External Bus Data I/O pin INT15_1 External Interrupt Request Input pin ch.15 relocation 1 5 P020 H/I4 *1 General-Purpose I/O Port ASX External Bus Address-Strobe Output pin SEG8 LCDC Segment(Duty)Output pin ICU6_0 Input Capture Input pin ch.6 relocation 0 OCU0_1 Output Compare Output pin ch.0 relocation 1 6 P021 H/I4 *1 General-Purpose I/O Port CS0X External Bus Chip-Select 0 Output pin SEG9 LCDC Segment(Duty)Output pin ICU7_0 Input Capture Input pin ch.7 relocation 0 OCU1_1 Output Compare Output pin ch.1 relocation 1 7 P022 H/I4 *1 General-Purpose I/O Port CS1X External Bus Chip-Select 1 Output pin SEG10 LCDC Segment(Duty)Output pin ICU8_0 Input Capture Input pin ch.8 relocation 0 OCU2_1 Output Compare Output pin ch.2 relocation 1 8 P023 H/I4 *1 General-Purpose I/O Port RDX External Bus Read-Strobe Output pin SEG11 LCDC Segment(Duty)Output pin ICU9_0 Input Capture Input pin ch.9 relocation 0 OCU3_1 Output Compare Output pin ch.3 relocation 1 9 P024 H/I4 *1 General-Purpose I/O Port WR0X External Bus Write-Strobe 0 Output pin SEG12 LCDC Segment(Duty)Output pin ICU10_0 Input Capture Input pin ch.10 relocation 0 OCU11_0 Output Compare Output pin ch.11 relocation 0 |