| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F575CPMC bảng dữ liệu(PDF) 20 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F575CPMC bảng dữ liệu(HTML) 20 Page - Cypress Semiconductor |
|
20 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 20 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 57 P074 K General-Purpose I/O Port PWM1P3 SMC Output pin ch.3 AN20 ADC Analog Input pin ch.20 PPG12_1 PPG Output pin ch.12 relocation 1 ICU9_1 Input Capture Input pin ch.9 relocation 1 SCK8_1 Multi-function Serial Clock I/O pin ch.8 relocation 1 58 P075 K General-Purpose I/O Port PWM1M3 SMC Output pin ch.3 AN21 ADC Analog Input pin ch.21 PPG13_1 PPG Output pin ch.13 relocation 1 ICU8_1 Input Capture Input pin ch.8 relocation 1 SIN7_1 LIN_UART Serial Input pin ch.7 relocation 1 59 P076 K General-Purpose I/O Port PWM2P3 SMC Output pin ch.3 AN22 ADC Analog Input pin ch.22 PPG14_1 PPG Output pin ch.14 relocation 1 ICU7_1 Input Capture Input pin ch.7 relocation 1 SOT7_1 LIN_UART Serial Output pin ch.7 relocation 1 60 P077 K General-Purpose I/O Port PWM2M3 SMC Output pin ch.3 AN23 ADC Analog Input pin ch.23 PPG15_1 PPG Output pin ch.15 relocation 1 ICU6_1 Input Capture Input pin ch.6 relocation 1 SCK7_1 LIN_UART Serial Clock I/O pin ch.7 relocation 1 63 P080 K General-Purpose I/O Port PWM1P4 SMC Output pin ch.4 AN24 ADC Analog Input pin ch.24 SIN6_0 LIN_UART Serial Input pin ch.6 relocation 0 PPG16_0 PPG Output pin ch.16 relocation 0 AIN0_2 Up/down Counter AIN Input pin ch.0 relocation 2 64 P081 K General-Purpose I/O Port PWM1M4 SMC Output pin ch.4 AN25 ADC Analog Input pin ch.25 SOT6_0 LIN_UART Serial Output pin ch.6 relocation 0 PPG17_0 PPG Output pin ch.17 relocation 0 BIN0_2 Up/down Counter BIN Input pin ch.0 relocation 2 65 P082 K General-Purpose I/O Port PWM2P4 SMC Output pin ch.4 AN26 ADC Analog Input pin ch.26 SCK6_0 LIN_UART Serial Clock I/O pin ch.6 relocation 0 PPG18_0 PPG Output pin ch.18 relocation 0 ZIN0_2 Up/down Counter ZIN Input pin ch.0 relocation 2 |