công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXD1817 bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products

tên linh kiện MXD1817
Giải thích chi tiết về linh kiện  Low-Power UP Reset Circuits in 3-Pin
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1817 bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products

  MXD1817 Datasheet HTML 1Page - Maxim Integrated Products MXD1817 Datasheet HTML 2Page - Maxim Integrated Products MXD1817 Datasheet HTML 3Page - Maxim Integrated Products MXD1817 Datasheet HTML 4Page - Maxim Integrated Products MXD1817 Datasheet HTML 5Page - Maxim Integrated Products MXD1817 Datasheet HTML 6Page - Maxim Integrated Products MXD1817 Datasheet HTML 7Page - Maxim Integrated Products MXD1817 Datasheet HTML 8Page - Maxim Integrated Products MXD1817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Power µP Reset Circuits in 3-Pin
SC70/SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +105°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
Push-Pull RESET (MXD1810/MXD1815),
RESET (MXD1812/MXD1817) to GND.....-0.3V to (VCC + 0.3V)
Open-Drain RESET (MXD1811/MXD1816)
to GND................................................................-0.3V to +6.0V
Open-Drain RESET (MXD1813/MXD1818)
to GND ....................................................-0.3V to (VCC + 0.3V)
Input Current (VCC, RESET) ................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW above +70°C) ..................174mW
3-Pin SOT23 (derate 4mW/°C above +70°C) ...............320mW
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +105°C
1.0
5.5
Supply Voltage Range
VCC
TA = -40°C to +105°C
1.2
5.5
V
VCC = +5.5V, VCC > VTH, no load
9
16
Supply Current
ICC
VCC = +3.6V, VCC > VTH, no load
4
10
µA
MXD181_ _ R46
4.50
4.62
4.75
MXD181_ _ R44
4.25
4.37
4.49
MXD181_ _ R41
4.00
4.12
4.24
MXD181_ _ R31
2.98
3.06
3.15
MXD181_ _ R29
2.80
2.88
2.97
MXD181_ _ R26
2.47
2.55
2.64
MXD181_ _ R23
2.25
2.31
2.37
Reset Threshold
VTH
MXD181_ _ R22
2.12
2.18
2.25
V
Active Reset Timeout Period
tRP
VCC rising
100
150
250
ms
VCC = (VTH + 100mV) falling to (VTH - 200mV)
2
5
µs
VCC to Reset Delay
tRD
VCC rising, tR = 5µs
100
150
250
ms
Push-Button Detect to Reset
tPB
MXD1813/MXD1818 only
1.5
µs
Push-Button Reset Timeout Period
tPBRST
MXD1813/MXD1818 only
100
150
250
ms
TA = +25°C to +105°C
0.34
Input Low Voltage
VIL
MXD1813/MXD1818
only
TA = -40°C to +25°C
0.15
V
Input High Voltage
VIH
MXD1813/MXD1818 only
0.7
× VCC
V
RESET Output Source Current
IOH
VCC
≥ VTH(MAX), reset not asserted,
MXD1810/MXD1815
350
µA
RESET Output Source Current
IOH
VCC
≤ VTH(MIN), reset asserted,
MXD1812/MXD1817
350
µA
RESET Output Sink Current
IOL
VCC
≥ 2.7V, reset asserted, VOUT = 0.4V
MXD1810/MXD1811/MXD1813/MXD1815/
MXD1816/MXD1818
(Note 2)
10
mA
RESET Output Sink Current
IOL
VCC
≥ 2.7V, reset not asserted, , VOUT = 0.4V
MXD1812/MXD1817
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11