| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F469TA bảng dữ liệu(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F469TA bảng dữ liệu(HTML) 13 Page - Cypress Semiconductor |
|
13 / 137 page ![]() Document Number: 002-04631 Rev. *A Page 13 of 137 MB91460T Series 62 P22_6 I/O C - General-purpose input/output port SDA1 I2C bus DATA input/output pin (open drain) INT15 External interrupt input pin 63 P22_7 I/O C - General-purpose input/output port SCL1 I2C bus clock input/output pin (open drain) 64 to 67 P14_0 to P14_3 I/O A - General-purpose input/output ports ICU0 to ICU3 Input capture input pins TIN0 to TIN3 External trigger input pins of reload timer TTG8/0 to TTG11/3 External trigger input pins of PPG timer 68 to 71 P15_0 to P15_3 I/O A - General-purpose input/output ports OCU0 to OCU3 Output compare output pins TOT0 to TOT3 Reload timer output pins 74 MD_0 I G - Mode setting pin 75 MD_1 I G - Mode setting pin 76 MD_2 I G - Mode setting pin 77 MONCLK O M - Clock Monitor pin 78 MD_3 I G - Fast clock input pin 79 X1 - J1 - Clock (oscillation) output 80 X0 - J1 - Clock (oscillation) input 82 X0A - J2 - Sub clock (oscillation) input 83 X1A - J2 - Sub clock (oscillation) output 84 INITX I H - External reset input pin 85 NMIX I H - Non-maskable interrupt input pin 92 P19_0 I/O A - General-purpose input/output port SIN4 Data input pin of USART4 93 P19_1 I/O A - General-purpose input/output port SOT4 Data output pin of USART4 94 P19_2 I/O A - General-purpose input/output port SCK4 Clock input/output pin of USART4 CK4 External clock input pin of free-run timer 4 95 P19_4 I/O A - General-purpose input/output port SIN5 Data input pin of USART5 96 P19_5 I/O A - General-purpose input/output port SOT5 Data output pin of USART5 Pin no. Pin name I/O I/O circuit type* MUX Function |