| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F613H bảng dữ liệu(PDF) 52 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F613H bảng dữ liệu(HTML) 52 Page - Cypress Semiconductor |
|
52 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 52 of 110 PRELIMINARY MB95610H Series ■ P34/SEG40/TO11 pin This pin has the following peripheral functions: ❐ LCDC SEG40 output pin (SEG40) ❐ 8/16-bit composite timer ch. 1 output pin (TO11) ■ P35/SEG41/TO10 pin This pin has the following peripheral functions: ❐ LCDC SEG41 output pin (SEG41) ❐ 8/16-bit composite timer ch. 1 output pin (TO10) ■ P37/SEG43/TO0 pin This pin has the following peripheral functions: ❐ LCDC SEG43 output pin (SEG43) ❐ 16-bit reload timer ch. 0 output pin (TO0) ■ Block diagram of P34/SEG40/TO11, P35/SEG41/TO11 and P37/SEG43/TO0 PDR3 Pin PDR3 read PDR3 write Executing bit manipulation instruction DDR3 read DDR3 write DDR3 0 1 1 0 Stop mode, watch mode (SPL = 1) Peripheral function output enable Peripheral function output LCD output LCD output enable |