| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4627-1ARZ-R7 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4627-1ARZ-R7 bảng dữ liệu(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() 30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier Data Sheet ADA4627-1/ADA4637-1 Rev. F Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2009–2015 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Low offset voltage: 200 μV maximum Offset drift: 1 μV/°C typical Very low input bias current: 5 pA maximum Extended temperature range: −40°C to +125°C ±5 V to ±15 V dual supply ADA4627-1 GBW: 19 MHz ADA4637-1 GBW: 79 MHz Voltage noise: 6.1 nV/√Hz at 1 kHz ADA4627-1 slew rate: 82 V/μs ADA4637-1 slew rate: 170 V/μs High gain: 120 dB typical High CMRR: 116 dB typical High PSRR: 112 dB typical APPLICATIONS High impedance sensors Photodiode amplifier Precision instrumentation Phase-locked loop filters High end, professional audio DAC output amplifier ATE Medical PIN CONFIGURATIONS Figure 1. 8-Lead SOIC_N (R-8) Figure 2. 8-Lead SOIC_N (R-8) Figure 3. 8-Lead LFCSP_VD (CP-8-13) GENERAL DESCRIPTION The ADA4627-1/ADA4637-1 are wide bandwidth precision amplifiers featuring low noise, very low offset, drift, and bias current. The devices operate from ±5 V to ±15 V dual supply. The ADA4627-1/ADA4637-1 provide benefits previously found in few amplifiers. These amplifiers combine the best specifications of precision dc and high speed ac op amps. The ADA4637-1 is a decompensated version of the ADA4627-1 and is stable at a noise gain of 5 or greater. With a typical offset voltage of only 70 μV, drift of less than 1 μV/°C, and noise of only 0.86 μV p-p (0.1 Hz to 10 Hz), the ADA4627-1/ADA4637-1 are suited for applications where error sources cannot be tolerated. The ADA4627-1/ADA4637-1 are specified for both the industrial temperature range of −25°C to +85°C and the extended industrial temperature range of −40°C to +125°C. The ADA4627-1/ADA4637-1 are available in tiny 8-lead LFCSP and 8-lead SOIC packages. The ADA4627-1/ADA4637-1 are members of a growing series of high speed, precision op amps offered by Analog Devices, Inc. (see Table 1). Table 1. High Speed Precision Op Amps Supply 5 V Low Cost 5 V 26 V Low Power 30 V Low Cost 30 V Single AD8615 AD8651 AD8610 AD8510 ADA4627-1/ADA4637-1 Dual AD8616 AD8652 AD8620 AD8512 Quad AD8618 AD8513 NULL 1 –IN 2 +IN 3 V– 4 NC 8 V+ 7 OUT 6 NULL 5 NC = NO CONNECT ADA4627-1 TOP VIEW (Not to Scale) NULL 1 –IN 2 +IN 3 V– 4 NC 8 V+ 7 OUT 6 NULL 5 NC = NO CONNECT ADA4637-1 TOP VIEW (Not to Scale) NOTES 1. NC = NO CONNECT. 2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE CONNECTED TO V–. 3 +IN 4 V– 1 NC 2 –IN 6 OUT 5NC 8NC 7V+ ADA4627-1/ ADA4637-1 TOP VIEW |
Số phần tương tự - ADA4627-1ARZ-R7 |
|
Mô tả tương tự - ADA4627-1ARZ-R7 |