| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8345-B12A-R3 bảng dữ liệu(PDF) 1 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
8345-B12A-R3 bảng dữ liệu(HTML) 1 Page - ETAL Group |
|
1 / 10 page ![]() Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-... www.e-t-a.de 1651 1 1 Description Typical applications Technical data Single or multipole hydraulic-magnetic circuit breakers with trip-free- mechanism and toggle actuation. A choice of switching characteristics ensures suitability for a wide range of applications. Industry standard dimensions and panel mounting. Auxiliary contacts optional. Low temperature sensitivity at rated load. Approved to CBE standard EN 60934 (IEC 60934) S-type HM CBE. In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering. 8345 1-pole 2-pole Voltage rating 3 AC 415 V; AC 277/480 V; AC 120/240 V; AC 240 V; DC 80 V (higher DC voltages to special order) Current rating range 0.05...125 A single and multipole higher ratings upon request Auxiliary circuit AC 240 V 6 A DC 28 V 3 A DC 65 V 1 A DC 80 V 0.5 A Typical life 10,000 operations at 1 x IN Ambient temperature -40...+85 °C (-40...+185 °F) Insulation co-ordination (IEC 60664) 2.5 kV/2 reinforced insulation in operating area Dielectric strength operating area test voltage AC 3,000 V Line to Load test voltage AC 1,500 V pole to pole (2- and 3-pole) test voltage AC 1,500 V main to auxiliary circuit test voltage AC 3,000 V switching to trip circuit test voltage AC 1,500 V (version -X) Insulation resistance > 100 MΩ (DC 500 V) Degree of protection operating area IP40 (IEC 60529) terminal area IP00 Vibration upside down: 10 g (57-2000 Hz) ± 0,76 mm (10-57 Hz) at 0.9 IN directions 1, 2, 3, 4, 5: 10 g at 1 x IN with curves F1, F2: 10 g at 0.8 x IN in all planes. (57-2000 Hz) ± 0.76 mm (10-57 Hz) to IEC 60068-2-6, test Fc 10 frequency cycles/axis Shock directions 1, 2, 3, 4, 5: 100 g (11 ms) at 1 x IN, direction 6: 100 g (11 ms) at 0.8 x IN, with curves F1, F2: 100 g (11 ms) at 0.8 x IN to IEC 60068-2-27, test Ea Corrosion 96 hours at 5 % salt mist, to IEC 60068-2-11, test Ka Humidity 240 hours at 95 % RH, to IEC 60068-2-78, test Cab Mass approx. 90 - 120 g per pole depending on version Standard current ratings and typical internal resistance values Interrupting capacity to EN 60934, CCC, UL 489, UL 1077 IEC 60934 / CCC (3-pole) – test series E: voltage number of poles IN max. (A) Icn (A) DC 80 V 1 + 2 0.02...125 10 000 AC 240/415 V 1 - (6) 0.02...80 6 x IN AC 240 V 1 0.02...20 5 000 UL 489 – test sequence Z: voltage number of poles IN max. (A) Icn (A) DC 80 V 1 + 2 0.5...125 10 000 AC 120 V 1 0.5...80 5 000 AC 120/240 V 1 (2) 0.5...80 5 000 AC 240 V 1 0.5...20 5 000 UL 1077: voltage number of poles IN max. (A) Icn (A) DC 80 V 1 + 2 0.02...125 10 000 AC 277/480 V 1 - 6 0.02...70 5 000 Current rating (A) Trip curves and internal resistance (Ω) per pole F1 F2 K1, M1, T1 K2, M2, T2 0,05 275 152 531 542 0,1 58 36,5 129 127 1 0,578 0,347 1,10 1,08 2 0,144 0,0959 0,295 0,291 3 0,0644 0,0477 0,121 0,118 5 0,0250 0,0192 0,0437 0,0449 10 0,00901 0,00714 0,0147 0,0133 15 0,00597 0,00483 0,00794 0,00794 20 0,00468 0,00410 0,00597 0,00597 25 0,00410 0,00385 0,00456 0,00456 30 0,00385 0,00371 0,00458 0,00458 40 0,00371 0,00371 0,00373 0,00373 50 0,00358 0,00358 0,00335 0,00335 60 --- --- 0,00333 0,00333 80 --- --- 0,00325 0,00325 100 --- --- 0,00316 0,00316 125 --- --- 0,00314 0,00314 |
Số phần tương tự - 8345-B12A-R3 |
|
Mô tả tương tự - 8345-B12A-R3 |