công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9163BBCZ bảng dữ liệu(PDF) 30 Page - Analog Devices

tên linh kiện AD9163BBCZ
Giải thích chi tiết về linh kiện  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ bảng dữ liệu(HTML) 30 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 26Page - Analog Devices AD9163BBCZ Datasheet HTML 27Page - Analog Devices AD9163BBCZ Datasheet HTML 28Page - Analog Devices AD9163BBCZ Datasheet HTML 29Page - Analog Devices AD9163BBCZ Datasheet HTML 30Page - Analog Devices AD9163BBCZ Datasheet HTML 31Page - Analog Devices AD9163BBCZ Datasheet HTML 32Page - Analog Devices AD9163BBCZ Datasheet HTML 33Page - Analog Devices AD9163BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 29 of 123
or ADDRINC_M is 1, the multicycle addresses are incremented.
When ADDRINC or ADDRINC_M is 0, the addresses are decre-
mented. A new write cycle can always be initiated by bringing
CS high and then low again.
To prevent confusion and to ensure consistency between devices,
the chip tests the first nibble following the address phase, ignoring
the second nibble. This test is completed independently from the
LSB first bits and ensures that there are extra clock cycles following
the soft reset bits (Register 0x000, Bit 0 and Bit 7). This test of
the first nibble only applies when writing to Register 0x000.
R/W A14 A13
A3
A2
A1
A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
Figure 86. Serial Register Interface Timing, MSB First, Register 0x000, Bit 5
and Bit 2 = 0
A0
A1
A2
A12 A13 A14
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
R/W
Figure 87. Serial Register Interface Timing, LSB First, Register 0x000, Bit 5 and
Bit 2 = 1
SCLK
SDIO
CS
DATA BIT n – 1
DATA BIT n
tDV
Figure 88. Timing Diagram for Serial Port Register Read
SCLK
SDIO
CS
INSTRUCTION BIT 14
INSTRUCTION BIT 0
INSTRUCTION BIT 15
tS
tDS
tDH
tPWH
tPWL
tH
Figure 89. Timing Diagram for Serial Port Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com