| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8345-B03A-R0 bảng dữ liệu(PDF) 10 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
8345-B03A-R0 bảng dữ liệu(HTML) 10 Page - ETAL Group |
|
10 / 10 page ![]() Remote ON/OFF actuation X8345-R for Circuit Breaker 8345 www.e-t-a.de 1651 10 1 Dimensions OFF C ON - + 62 78 2.44 3.07 M6 X8345-R-24-01-02-01-M 42 1.65 57 X8345-R-24-01-00-01-M 30° 12 23 14.2 49.2 63.5 OFF C ON - + spring loaded screwless terminal 5-pin 0,2 – 1,2 mm2 (AWG 24 – AWG16) 38 19 .748 1.49 2.24 .559 .905 .472 2.5 1.94 16 .629 All dimensions without tolerances are for reference only. In the interest of improved design, performance and cost effectiveness the right to make changes in these specifications without notice is reserved. Product markings may not be exactly as the ordering codes. Errors and omissions excepted. This is a metric design and millimeter dimensions take precedence ( mm ) inch |