công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M902-01 bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems

tên linh kiện M902-01
Giải thích chi tiết về linh kiện  VCSO BASED GBE CLOCK GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M902-01 bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems

  M902-01 Datasheet HTML 1Page - Integrated Circuit Systems M902-01 Datasheet HTML 2Page - Integrated Circuit Systems M902-01 Datasheet HTML 3Page - Integrated Circuit Systems M902-01 Datasheet HTML 4Page - Integrated Circuit Systems M902-01 Datasheet HTML 5Page - Integrated Circuit Systems M902-01 Datasheet HTML 6Page - Integrated Circuit Systems M902-01 Datasheet HTML 7Page - Integrated Circuit Systems M902-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M902-01 Datasheet Rev 2.1
6 of 8
Revised 24Jun2004
I n te g r at ed C i rcui t Syste m s , Inc. ● Ne tw or kin g & C o mmun ica t io ns ● ww w. ic st.c om ● tel (5 08 ) 8 52-5 4 0 0
Integrated
Circuit
Systems, Inc.
M902-01
VCSO BASED GBE CLOCK GENERATOR
Prod uct Data Sh eet
ELECTRICAL SPECIFICATIONS
DC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial)1, T
A = -40
oC to +85 oC (industrial)1, Output Frequency=156.25MHz1,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max
Unit
Power Supply
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
I
CC
Power Supply Current
300
mA
Logic Inputs
V
IH
Input High Voltage
EN_EXT_CLK, EXT_CLK,
STOP
2
Vcc +0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
150
µA
I
IL
Input Low Current
-5.0
µA
Reference
Clock
Input
V
IH
Input High Voltage
XTAL_1 / REF_IN
(XTAL_2 disconnected)
(Vcc / 2 ) +0.5
Vcc +0.3
V
V
IL
Input Low Voltage
-0.3
(Vcc / 2 ) -0.5 V
I
IH
Input High Current
150
µA
I
IL
Input Low Current
-5.0
µA
All Inputs
C
IN
Input Capacitance, All Inputs
EN_EXT_CLK, EXT_CLK,
STOP,
XTAL_1 / REF_IN, XTAL_2
4
pF
Pull-down
Rpulldown Internal Pull-down Resistor
EN_EXT_CLK, STOP
51
k
Ω
Differential
Output
V
OH
Output High Voltage
FOUT, nFOUT (0-1)
Vcc -1.4
Vcc -1.0
V
V
OL
Output Low Voltage
Vcc -2.0
Vcc -1.7
V
V
P
-P
Peak to Peak Output Voltage
0.5
0.85
V
Table 7: DC Characteristics
Note 1: See Ordering Information on pg. 8
AC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial)1, T
A = -40
oC to +85 oC (industrial)1, Output Frequency=156.25MHz1,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max
Unit
Test Conditions
F
OUT
Output Frequency Range
125
156.25
190
MHz
F
IN
Nominal Input Frequency, XTAL_1 / REF_IN
25
MHz
APR
VCSO Pull-Range
±100
±150
ppm
Φn
Single Side Band
Phase Noise
@156.25MHz
1
kHz Offset
-90
dBc/Hz
10
kHz Offset
-110
dBc/Hz
100
kHz Offset
-135
dBc/Hz
J(t)
Jitter (rms)
0.5
1.0
ps
12
kHz to 20MHz
t
DC
Output Duty Cycle, High Time
45
50
55
%
t
R
Output Rise Time
FOUT, nFOUT (0-1)
350
450
550
ps
20
% to 80%
t
F
Output Fall Time
FOUT, nFOUT (0-1)
350
450
550
ps
20
% to 80%
t
S
Output Skew
Between Any Pair
100
ps
EXT_CLK
Frequency
EXT_CLK
0
200
MHz
Table 8: AC Characteristics
Note 1: See Ordering Information on pg. 8



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com