công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM9628SAMPLE-KIT bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM9628SAMPLE-KIT
Giải thích chi tiết về linh kiện  LM9628 Color CMOS Image Sensor VGA 30 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9628SAMPLE-KIT bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM9628SAMPLE-KIT Datasheet HTML 1Page - National Semiconductor (TI) LM9628SAMPLE-KIT Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9628 Color CMOS Image Sensor VGA 30 FPS
General Description
The LM9628 is a high performance, low power, 1/3” VGA CMOS
Active Pixel Sensor capable of capturing color digital still or
motion images and converting them to a digital data stream.
In addition to the active pixel array, an on-chip 12 bit A/D conver-
tor, fixed pattern noise elimination circuits, a video gain and sep-
arate
color
gain
amplifier
are
provided.
Furthermore,
an
integrated programmable smart timing and control circuit allows
the user maximum flexibility in adjusting integration time, active
window size, gain and frame rate. Various control, timing and
power modes are also provided.
The excellent linear dynamic range of the sensor can be
extended to above 100dB by programming a non linear
response curve that matches the response of the human eye.
Features
f Video or snapshot operations
f Programmable pixel clock, inter-frame and inter-line delays.
f Programmable partial or full frame integration
f Programmable gain and individual color gain adjustment
f Horizontal & vertical sub-sampling (2:1 & 4:2)
f Programmable digital video response curve
f Windowing
f External snapshot trigger & event synchronisation signals
f Auto black level compensation
f Flexible digital video read-out supporting programmable:
- polarity for synchronisation and pixel clock signals
- leading edge adjustment for horizontal synchronization
f Programmable via 2 wire I
2C compatible serial interface
f Power on reset & power down mode
Applications
f Dual Mode Camera
f Digital Still Camera
f Security Cameras
f Machine Vision
f Automotive
Key Specifications
Array Format
Total:
664H x 504V
Active:
648H x 488 V
Effective Image Area
Total:
4.98 mm x 3.78 mm
Active: 4.86 mm x 3.66 mm
Optical Format
1/3“
Pixel Size
7.5
µm x 7.5µm
Video Outputs
8,10 & 12 Bit Digital
Frame Rate
30 frames per second
Dynamic Range
62dB in linear mode
110dB in non linear mode
Electronic Shutter
Rolling reset
FPN
0.1%
PRMU
1.5%
Sensitivity
2.7 V/lux.s
Quantum Efficiency
27%
Fill Factor
47%
Color Mosaic
Bayer pattern
Package
48 CLCC
Single Supply
3.3 V +/-10%
Power Consumption
120 mW
Operating Temp
-40 to 85oC
APS Array
Vertical
Horizontal
Master Timer
Timing
Timing
Row Address
Gen
Clock Gen
POR
I
2C Compatible
Register Bank
Row Address
Decoder
Reset
Gen
12 Bit A/D
R
G
B
AMP
Gain
Control
mux
d[11:0]
pclk
hsync
vsync
Serial I/F
sda
sclk
sadr
Power
Control
pdwn
snapshot
extsync
Controller
(sequencer)
mclk
oe
reset
Overall Chip Block Diagram
May 2002


Số phần tương tự - LM9628SAMPLE-KIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9627CCEA NSC-LM9627CCEA Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
More results

Mô tả tương tự - LM9628SAMPLE-KIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
VGA Color CMOS Image Sensor Module
Oct-2004
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com