| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR22141SS bảng dữ liệu(PDF) 13 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR22141SS bảng dữ liệu(HTML) 13 Page - International Rectifier |
|
13 / 28 page ![]() 13 IR2214/IR22141(SS) www.irf.com ADVANCE DATA HO/LO status HOP/LOP HON/LON SSDH/SSDL 0 HiZ 0 HiZ 1 1 HiZ HiZ SSD HiZ HiZ 0 LO/HO Output follows inputs (in=1->out=1, in=0->out=0) LOn-1/HOn-1 Output keeps previous status IR2214 Logic Table NOTE1: SY_FLT automatically resets after SSD event is over and FLT_CLR is not required. In order to avoid FLT_CLR to conflict with the SSD procedure, FLT_CLR should not be operated while SY_FLT is active. INPUTS INPUT/OUTPUT Under Voltage Yes: V< UV threshold No : V> UV threshold X : don’t care OUTPUTS Hin Lin FLT_CLR SY_FLT SSD: desat (out) HOLD: freezing (in) FAULT/SD SD: shutdown (in) FAULT: diagnostic (out) VCC VBS HO LO X X X X 0 (SD) X X 0 0 HIN LIN NOTE1 (FAULT) No No HO LO 1 0 0 1 1 No No 1 0 0 1 0 1 1 No No 0 1 0 0 0 1 1 No No 0 0 1 1 0 1 1 No No 0 0 1 0 0 (SSD) 1 No No SSD 0 0 1 0 (SSD) 1 No No 0 SSD X X 0 (SSD) (FAULT) No No 0 0 X X 0 (SSD) (FAULT) No No 0 0 X X X 0 (HOLD) 1 No No HOn-1 LOn-1 X LIN X 1 1 No Yes 0 LO X X X 1 0 (FAULT) Yes X 0 0 Normal Operation Anti Shoot Through Soft Shut Down (entering) Soft Shut Down (finishing) Freeze Shut Down Fault Clear Operation Under Voltage Output drivers status description |