công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8601 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện 8601
Giải thích chi tiết về linh kiện  Voltage range up to 500 V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

8601 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  8601 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.bkprecision.com
Programmable DC Electronic Loads
8600 Series
2
Models 8600, 8601 & 8602
Bright dual-line display
The 8600 Series display shows both measured input
values and set parameters simultaneously.
Front panel
Rear panel
Rotary control
knob
Cooling fan
RS-232
interface
USB
interface
GPIB interface
Current monitor BNC output
Outputs a 0-10 V signal that follows
0-full range of the input current.
I/O terminal block
External trigger, external analog programming,
external input On/Off control, voltage fault pin,
and remote sense terminals
Line voltage selector
Numeric keypad
Function keys
Cursor keys
Load input terminal
Intuitive user interface
The numeric keys and rotary knob provide a convenient interface for setting the operating mode and desired current, voltage, and resistance levels quickly
and precisely.
High current test lead accessory
model TLPWR1



Html Pages

1 2 3 4 5 6 7