| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9FG108 bảng dữ liệu(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9FG108 bảng dữ liệu(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 13 page ![]() 9 Integrated Circuit Systems, Inc. ICS9FG108 Advance Information 0823—04/02/04 I 2C Table: Output Stop Mode Register Pin # Name Control Function Type 0 1 PWD Bit 7 DIF_7 Output Control RW Free-run Stop-able 0 Bit 6 DIF_6 Output Control RW Free-run Stop-able 0 Bit 5 DIF_5 Output Control RW Free-run Stop-able 0 Bit 4 DIF_4 Output Control RW Free-run Stop-able 0 Bit 3 DIF_3 Output Control RW Free-run Stop-able 0 Bit 2 DIF_2 Output Control RW Free-run Stop-able 0 Bit 1 DIF_1 Output Control RW Free-run Stop-able 0 Bit 0 DIF_0 Output Control RW Free-run Stop-able 0 I 2C Table: Frequency Select Readback Register Pin # Name Control Function Type 0 1 PWD Bit 7 SEL14M_25M# 1 (FS3) State of pin 27 R Pin 27 Bit 6 FS2 1 State of pin 6 R Pin 6 Bit 5 FS1 1 State of pin 44 R Pin 44 Bit 4 FS0 1 State of pin 45 R Pin 45 Bit 3 SPREAD 1 State of pin 26 R Off On Pin 26 Bit 2 RX Bit 1 RX Bit 0 RX Notes: 1. These bits reflect the state of the corresponding pins, regardless of whether software programming is enabled or not. Byte 2 - - Byte 3 6 - - - - 27 45 44 - - See Frequency Selection Table, Page 1 26 RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED |