công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM6165W/883 bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM6165W/883
Giải thích chi tiết về linh kiện  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6165W/883 bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LM6165W/883 Datasheet HTML 4Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 5Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 6Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 7Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 8Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 9Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 10Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 11Page - National Semiconductor (TI) LM6165W/883 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Simplified Schematic
Application Tips
The LM6365 is stable for gains of 25 or greater. The LM6361
and LM6364, specified in separate datasheets, are compen-
sated versions of the LM6365. The LM6361 is unity-gain
stable, while the LM6364 is stable for gains as low as 5. The
LM6361, and LM6364 have the same high slew rate as the
LM6365, typically 300 V/µs.
To use the LM6365 for gains less than 25, a series
resistor-capacitor network should be added between the in-
put pins (as shown in the Typical Applications, Noise Gain
Compensation) so that the high-frequency noise gain rises
to at least 25.
Power supply bypassing will improve stability and transient
response of the LM6365, and is recommended for every de-
sign. 0.01 µF to 0.1 µF ceramic capacitors should be used
(from each supply “rail” to ground); an additional 2.2 µF to
10 µF (tantalum) may be required for extra noise reduction.
Keep all leads short to reduce stray capacitance and lead in-
ductance, and make sure ground paths are low-impedance,
especially where heavier currents will be flowing. Stray ca-
pacitance in the circuit layout can cause signal coupling be-
tween adjacent nodes, and can cause circuit gain to uninten-
tionally vary with frequency.
Breadboarded circuits will work best if they are built using
generic PC boards with a good ground plane. If the op amps
are used with sockets, as opposed to being soldered into the
circuit, the additional input capacitance may degrade circuit
performance.
Typical Applications
DS009152-3
Offset Voltage Adjustment
DS009152-11
Noise-Gain Compensation
DS009152-12
RX CX ≥ 1/(2π • 25 MHz)
[R1+RF (1 + R1/R2)] = 25 RX
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12