| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1618 bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1618 bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 38 page ![]() PIC12(L)F1612/16(L)F161X DS40001720C-page 2 Preliminary 2013-2014 Microchip Technology Inc. 1.2 Pin Utilization Five pins are needed for ICSP™ programming. The pins are listed in Table 1-1. TABLE 1-1: PIN DESCRIPTIONS DURING PROGRAMMING Pin Name During Programming Function Pin Type Pin Description ICSPCLK ICSPCLK I Clock Input – Schmitt Trigger Input ICSPDAT ICSPDAT I/O Data Input/Output – Schmitt Trigger Input MCLR/VPP Program/Verify mode P(1) Program Mode Select/Programming Power Supply VDD VDD P Power Supply VSS VSS P Ground Legend: I = Input, O = Output, P = Power Note 1: The programming high voltage is internally generated. To activate the Program/Verify mode, high voltage needs to be applied to MCLR input. Since the MCLR is used for a level source, MCLR does not draw any significant current. |