| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSMN020 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PSMN020 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors |
|
1 / 7 page ![]() Philips Semiconductors Product specification N-channel TrenchMOS ™ transistor PSMN020-150W FEATURES SYMBOL QUICK REFERENCE DATA • ’Trench’ technology • Very low on-state resistance V DSS = 150 V • Fast switching • Low thermal resistance I D = 73 A R DS(ON) ≤ 20 mΩ GENERAL DESCRIPTION PINNING SOT429 (TO247) SiliconMAX products use the latest PIN DESCRIPTION Philips Trench technology to achieve the lowest possible 1 gate on-state resistance in each package at each voltage rating. 2 drain Applications:- 3 source • d.c. to d.c. converters • switched mode power supplies tab drain The PSMN020-150W is supplied in the SOT429 (TO247) conventional leaded package. LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT V DSS Drain-source voltage T j = 25 ˚C to 175˚C - 150 V V DGR Drain-gate voltage T j = 25 ˚C to 175˚C; RGS = 20 kΩ - 150 V V GS Gate-source voltage - ± 20 V I D Continuous drain current T mb = 25 ˚C - 73 A T mb = 100 ˚C - 51 A I DM Pulsed drain current T mb = 25 ˚C - 290 A P D Total power dissipation T mb = 25 ˚C - 300 W T j, Tstg Operating junction and - 55 175 ˚C storage temperature AVALANCHE ENERGY LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT E AS Non-repetitive avalanche Unclamped inductive load, I AS = 73 A; - 707 mJ energy t p = 100 µs; Tj prior to avalanche = 25˚C; V DD ≤ 25 V; RGS = 50 Ω; VGS = 5 V; refer to fig:15 I AS Non-repetitive avalanche - 73 A current d g s 2 3 1 November 1999 1 Rev 1.000 |
Số phần tương tự - PSMN020 |
|
Mô tả tương tự - PSMN020 |