công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC750AM bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MPC750AM
Giải thích chi tiết về linh kiện  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC750AM bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MPC750AM Datasheet HTML 1Page - Motorola, Inc MPC750AM Datasheet HTML 2Page - Motorola, Inc MPC750AM Datasheet HTML 3Page - Motorola, Inc MPC750AM Datasheet HTML 4Page - Motorola, Inc MPC750AM Datasheet HTML 5Page - Motorola, Inc MPC750AM Datasheet HTML 6Page - Motorola, Inc MPC750AM Datasheet HTML 7Page - Motorola, Inc MPC750AM Datasheet HTML 8Page - Motorola, Inc MPC750AM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Order Number: MPC750EC/D
Rev. 2.3, 9/2001
Semiconductor Products Sector
This document contains information on a new product under development by Motorola.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc., 2001. All rights reserved.
Technical Data
MPC750A RISC Microprocessor
Hardware Specifications
This document is primarily concerned with the MPC750, however, unless otherwise noted, all information
here applies also to the MPC740. The MPC750 and MPC740 are implementations of the PowerPC™
family of reduced instruction set computing (RISC) microprocessors. This document describes pertinent
physical characteristics of the MPC750. For functional characteristics of the processor, refer to the
MPC750 RISC Microprocessor User’s Manual.
The MPC750 (and MPC740) is implemented in several semiconductor fabrication processes. Different
processes may require different supply voltages and may have other electrical differences but will have the
same functionality. As a designator to distinguish between MPC750 implementations in various processes,
a suffix is added to the MPC750 part number as shown below:
This document will describe only the MPC750A implementation. The XPC750P is described in a separate
document.
Table 1. MPC750 Microprocessors from Motorola
Part Number
Process
Core
Voltage
I/O
Voltage
5-Volt
Tolerant
MPC750A, MPC740A
0.29 µm CMOS, 5LM
2.6 V
3.3 V
No
XPC750P, XPC740P
0.25 µm CMOS, 5LM
1.9 V
3.3 V
No
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Số phần tương tự - MPC750AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MPC750A NXP-MPC750A Datasheet
717Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
MPC750ARXXXXXX NXP-MPC750ARXXXXXX Datasheet
717Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
More results

Mô tả tương tự - MPC750AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MPC750EC NXP-MPC750EC Datasheet
717Kb / 44P
MPC750A RISC Microprocessor Hardware Specifications
Rev. 2.3, 9/2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com