| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4927-2YCPZ-R7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4927-2YCPZ-R7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 25 page ![]() ADA4927-1/ADA4927-2 Data Sheet Rev. B | Page 6 of 25 VOCM to VOUT,cm Performance Table 5. Parameter Test Conditions/Comments Min Typ Max Unit VOCM DYNAMIC PERFORMANCE Small signal −3 dB Bandwidth VOUT, cm = 100 mV p-p 1300 MHz Slew Rate VIN = 1.5 V to 3.5 V, 25% to 75% 1000 V/µs Input Voltage Noise (RTI) f = 100 kHz 15 nV/√Hz VOCM INPUT CHARACTERISTICS Input Voltage Range 1.5 to 3.5 V Input Resistance 3.8 5.0 7.5 kΩ Input Offset Voltage VOS, cm = VOUT, cm, VDIN+ = VDIN− = +VS/2 −5.0 +2.0 +10 mV VOCM CMRR ΔVOUT, dm/ΔVOCM, ΔVOCM = ±1 V −70 −100 dB Gain ΔVOUT, cm/ΔVOCM, ΔVOCM = ±1 V 0.90 0.97 1.00 V/V General Performance Table 6. Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLY Operating Range 4.5 11.0 V Quiescent Current per Amplifier 20 21.6 mA tMIN to tMAX variation ±7.0 µA/°C Powered down 0.6 mA Power Supply Rejection Ratio ΔVOUT, dm/ΔVS, ΔVS = 1 V −70 −89 dB POWER-DOWN (PD) PD Input Voltage Powered down <1.7 V Enabled >3.0 V Turn-Off Time 20 μs Turn-On Time 500 ns PD Pin Bias Current per Amplifier Enabled PD = 5 V −2 +2 µA Disabled PD = 0 V −105 −95 µA OPERATING TEMPERATURE RANGE −40 +105 °C |