| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8475ARMZ bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8475ARMZ bảng dữ liệu(HTML) 1 Page - Analog Devices |
|
1 / 25 page ![]() Precision, Selectable Gain, Fully Differential Funnel Amplifier Data Sheet AD8475 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2010–2014 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Precision attenuation: G = 0.4, G = 0.8 Fully differential or single-ended input/output Differential output designed to drive precision ADCs Drives switched capacitor and Σ-Δ ADCs Rail-to-rail output VOCM pin adjusts output common-mode voltage Robust overvoltage protection up to ±15 V (VS = +5 V) Single supply: 3 V to 10 V Dual supplies: ±1.5 V to ±5 V High performance Suited for driving 18-bit converters up to 4 MSPS 10 nV/√Hz output noise 3 ppm/°C gain drift 500 μV maximum output offset 50 V/μs slew rate Low power: 3.2 mA supply current APPLICATIONS ADC drivers Differential instrumentation amplifier building blocks Single-ended-to-differential converters GENERAL DESCRIPTION The AD8475 is a fully differential, attenuating amplifier with integrated precision gain resistors. It provides precision attenuation (by 0.4 or 0.8), common-mode level shifting, and single-ended-to- differential conversion along with input overvoltage protection. Power dissipation on a single 5 V supply is only 16 mW. The AD8475 is a simple to use, fully integrated precision gain block, designed to process signal levels of up to ±10 V on a single supply. It provides a complete interface to make industrial level signals directly compatible with the differential input ranges of low voltage high performance 16-bit or 18-bit single-supply successive approximation (SAR) analog-to-digital converters (ADCs). The AD8475 comes with two standard pin-selectable gain options: 0.4 and 0.8. The gain of the part is set by driving the input pin corresponding to the appropriate gain. The AD8475 also provides overvoltage protection from large industrial input voltages up to ±15 V while operating on a single 5 V supply. The VOCM pin adjusts the output voltage common mode for precision level shifting, to match the ADC’s input range and maximize dynamic range. FUNCTIONAL BLOCK DIAGRAMS 12 11 10 1 3 4 NC –OUT +OUT 9 VOCM +IN 0.4x –IN 0.8x 2 +IN 0.8x –IN 0.4x 1kΩ 1.25kΩ 1.25kΩ 1kΩ AD8475 1.25kΩ 1.25kΩ NC = NO CONNECT Figure 1. 16-Lead LFCSP NC = NO CONNECT 1kΩ 1kΩ 1.25kΩ 1.25kΩ AD8475 1.25kΩ 1.25kΩ Figure 2. 10-Lead MSOP The AD8475 works extremely well with SAR, Σ-Δ, and pipeline converters. The high current output stage of the part allows it to drive the switched capacitor front-end circuits of many ADCs with minimal error. Unlike many differential drivers in the market, the AD8475 is a high precision amplifier. With 500 µV maximum output offset, 10 nV/√Hz output noise, and −112 dB THD + N, the AD8475 pairs well with high accuracy converters. Considering its low power consumption and high precision, the slew-enhanced AD8475 has excellent speed, settling to 18-bit precision for 4 MSPS acquisition. The AD8475 is available in a space-saving 16-lead 3 mm × 3 mm LFCSP package and a 10-lead MSOP package. It is fully specified over the −40°C to +85°C temperature range. |
Số phần tương tự - AD8475ARMZ |
|
Mô tả tương tự - AD8475ARMZ |