| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P83C366BDA bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDA bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 92 page ![]() 1999 Mar 10 40 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 15.2.5 SPECIAL FUNCTION REGISTER TDACH Table 40 SFR TDACH (SFR address D3H) Table 41 Description of TDACH bits 15.2.6 SPECIAL FUNCTION REGISTER TDACL Table 42 SFR TDACL (SFR address D2H) Table 43 Description of TDACL bits 76543210 TPWME − TD13 TD12 TD11 TD10 TD9 TD8 BIT SYMBOL DESCRIPTION 7 TPWME TPWM enable. When TPWME = 1, pin 1 is the TPWM output. When TPWME = 0, pin 1 is general I/O line P5.0. 6 − This bit is not used. 5 to 0 TD13 to TD8 These 6 bits are loaded into TDACREG and form the 6 MSBs (TDACREG<13-8>). 76543210 TD7 TD6 TD5 TD4 TD3 TD2 TD1 TD0 BIT SYMBOL DESCRIPTION 7 TD7 This bit is loaded into TDACREG and becomes bit 7 (TDACREG.7). 6 to 0 TD6 to TD0 These 7 bits are loaded into TDACREG and form the 7 LSBs (TDACREG<6-0>). |