| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA1486U/7 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA1486U/7 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 20 page ![]() 1998 Apr 21 7 Philips Semiconductors Product specification 32 kHz watch circuits with adaptive motor pulse PCA148x series Fig.5 Typical current waveform of a successfully executed motor pulse. MSA944 MOTOR PULSE DETECTION PHASE I M1 - M2 part 1 part 2 detection criterion is satisfied t t DS t DI t P t D MSA945 MOTOR PULSE DETECTION PHASE M1 - M2 V t DS t DI t M3 t M4 t M1 t = 61 µs M2 t = 244 µs M1 t = 488 µs MC t = 61 µs M2 t D t P M1 V t DS t DI t = 61 µs M2 t = 244 µs M1 t = 488 µs MC t = 61 µs M2 t = 244 µs M1 detection criterion is satisfied current polarity not measured Fig.6 Detection phase of the current waveform in Fig.5. |