công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC342 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện HMC342
Giải thích chi tiết về linh kiện  Microwave Point-to-Point Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC342 bảng dữ liệu(HTML) 5 Page - Analog Devices

  HMC342 Datasheet HTML 1Page - Analog Devices HMC342 Datasheet HTML 2Page - Analog Devices HMC342 Datasheet HTML 3Page - Analog Devices HMC342 Datasheet HTML 4Page - Analog Devices HMC342 Datasheet HTML 5Page - Analog Devices HMC342 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 18
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Assembly Diagrams
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled
and matched to 50 Ohms.
2RFOUT
This pad is AC coupled
and matched to 50 Ohms.
3Vdd
Power supply for the 2-stage amplifier. An external RF bypass capaci-
tor of 100 - 300 pF is required. The bond length to the capacitor should
be as short as possible. The ground side of the capacitor should be
connected to the housing ground.
Pad Descriptions
HMC342
GaAs MMIC LOW NOISE
AMPLIFIER, 13 - 25 GHz
v01.0907
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com