| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM611MN bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM611MN bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 17 page ![]() Typical Performance Distributions Application Information VOLTAGE REFERENCE Reference Biasing The voltage reference is of a shunt regulator topology that models as a simple zener diode. With current I r flowing in the ‘forward’ direction there is the familiar diode transfer func- tion. I r flowing in the reverse direction forces the reference voltage to be developed from cathode to anode. The applied voltage to the cathode may range from a diode drop below V − to the reference voltage or to the avalanche voltage of the parallel protection diode, nominally 7V. A 6.3V reference with V+ = 3V is allowed. Average V OS Drift Military Temperature Range DS009221-74 Average V OS Drift Industrial Temperature Range DS009221-75 Average V OS Drift Commercial Temperature Range DS009221-76 Average I OS Drift Military Temperature Range DS009221-77 Average I OS Drift Industrial Temperature Range DS009221-78 Average I OS Drift Commercial Temperature Range DS009221-79 Voltage Reference Broad-Band Noise Distribution DS009221-80 Op Amp Voltage Noise Distribution DS009221-81 Op Amp Current Noise Distribution DS009221-82 DS009221-14 FIGURE 1. Voltages Associated with Reference (Current Source I r is External) www.national.com 10 |