| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U3810BM bảng dữ liệu(PDF) 20 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
U3810BM bảng dữ liệu(HTML) 20 Page - TEMIC Semiconductors |
|
20 / 31 page ![]() TELEFUNKEN Semiconductors U3810BM Rev. A1: 19.01.1996 20 (31) Internal registers set by serial bus Internal signal set by clock count S4 (Fig. 9) AMF SIN1 SIN0 M4 FB FH F227 I measured 0 0 1 1 0 1 0 X I1 0 0 1 1 0 0 1 X I2 0 0 1 1 1 0 1 X I3 0 0 1 0 0 0 X 1 I4 0 1 1 1 X 0 0 1 I5 1 0 1 1 1 0 1 X I6 1 0 1 1 0 1 0 X I7 1 0 1 1 1 1 0 X I8 1 0 1 0 X 1 X 0 I9 1 1 1 1 X 1 1 0 I10 X: either 1 or 0 Note 7: DTMF calculations BF level without attenuation with pre-emphasis A: BF level without attenuation with pre-emphasis B: HF level without attenuation with pre-emphasis A: HF level without attenuation with pre-emphasis B: Pre-emphasis A without attenuation: Pre-emphasis B without attenuation: BF level with attenuation with pre-emphasis A: BF level with attenuation with pre-emphasis B: HF level with attenuation with pre-emphasis A: HF level with attenuation with pre-emphasis B: Pre-emphasis A without attenuation: Pre-emphasis B without attenuation: Confidence tone level: BFOA + I1 I1 ) I7 ) I6 I6 ) I2 VDD 2 BFOB + I1 I1 ) I8 ) I6 I6 ) I3 VDD 2 HFOA + I2 I2 ) I6 ) I7 I7 ) I1 VDD 2 HFOB + I3 I3 ) I6 ) I8 I8 ) I1 VDD 2 PROA + 20 log HFOA BFOA PROB + 20 log HFOB BFOB BF1A + I1 I1 ) I7 ) I10 ) I6 I6 ) I2 ) I5 VDD 2 BF1B + I1 I1 ) I8 ) I10 ) I6 I6 ) I3 ) I5 VDD 2 HF1A + I2 I2 ) I6 ) I10 ) I7 I7 ) I1 ) I5 VDD 2 HF1B + I3 I3 ) I6 ) I10 ) I8 I8 ) I1 ) I5 VDD 2 PR1A + 20 log HF1A BF1A PR1B + 20 log HF1B BF1B CTL + I1 I1 ) I9 ) I6 I6 ) I4 VDD 2 |